PART |
Description |
Maker |
APD-128G064 |
128 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface, Slim Profile, Low DC Power Consumption, Very Affordable
|
Vishay
|
APD-128G064A-1 |
128 x 64 Graphics Display with Drive Electronics, TTL Level Data Interface and DC/DC Converter, Highly Visible for Long-Distance Viewing, Slim Profile, Large Bright Characters and Graphics
|
Vishay
|
APD-320G064 |
320 x 64 Graphics Display with Drive Electronics, TTL Level Data Interface, Integrated DC Converter, Slim Profile, Large Bright Characters and Graphics, Highly Visible for Long-Distance Viewing
|
Vishay
|
APD-192G064-1 |
192 x 64 Graphics Display with Drive Electronics, TTL Level Data Interface, Integrated DC Converter, Slim Profile, Large, Bright Characters and Graphics, Highly Visible for Long-Distance Viewing
|
Vishay
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
MP4015 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive. Inductive Load Switching. TOSHIBA Power Transistor Module
|
TOSHIBA[Toshiba Semiconductor]
|
2SD208809 |
Micro Motor Drive, Hammer Drive Applications 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Toshiba Semiconductor
|
2SB908 E000656 |
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE, POWER AMPLIFIER APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
APD-128G064A-1 APD-128G064A |
From old datasheet system Plasma Display Modules 128 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface, Highly Visible for Long-Distance Viewing, Slim Profile, Large Bright Characters, High Contrast
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
2SK2615 |
Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV) DC .DC Converter, Relay Drive and Motor Drive Applications
|
TOSHIBA
|
2SK3017 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Relay Drive, DC .DC Converter and Motor Drive Applications
|
TOSHIBA
|
|