PART |
Description |
Maker |
JZC-22F JZC-22F2A JZC-22F2B JZC-22F2C |
Small size, light weight .Low coil power consumption
|
HuaXinAn Electronics CO.,LTD
|
NT73-2A10DC6V0.45 NT73-2A12DC12V0.8 NT73-2A12DC24V |
Small size, light weight, heavy reverse power. / Low coil power consumption.
|
DBLECTRO[DB Lectro Inc]
|
NT75-1 NT75-1AS12DC24V0.413.5 NT75-1AS12DC24V0.415 |
LOW COIL CONSUMPTION. / SWITCHING CAPACITY UP TO 16A.
|
DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
NT90THLASAC12VCB0.6 NT90THLASAC12VCB0.9 NT90TNLASA |
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
|
http:// DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
NT7305 NT73 NT73A12DC5V NT73B12DC5V NT73C12DC5V NT |
Low coil power consumption
|
DB Lectro Inc
|
FTR-F1CL012RRG FTR-F1AL003RRG FTR-F1CL100RRG FTR-F |
FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.067A (COIL), 6VDC (COIL), 400mW (COIL), 8A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limit... Fujitsu Component Limited.
|
KIA7031 KIA7019 KIA7019AF KIA7019AP KIA7019AT KIA7 |
CONDUCTIVE LEVEL CONTROLLER, 230V; Power consumption:5VA; Range:85 to 110% of rated voltage; Resistance, insulation:100MR; Temp, op. max:60(degree C); Temp, op. min:-20(degree C); Voltage, supply:230V ac; Voltage, supply max:230V ac; 双极线性集成电路(电压检测) BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR) 双极线性集成电路(电压检测) LEVEL CONTROLLER, MINI, 240V; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:1500V; Length / Height, external:50mm; Power consumption:3.2W; Power, coil AC:3.2VA; Temp, op. max:55(degree C); Temp, op. LEVEL CONTROLLER, MINI, 110V; Current, contact max:5A; Depth, external:70mm; Dielectric strength, VAC:1500V; Length / Height, external:50mm; Power consumption:3.2W; Power, coil AC:3.2VA; Temp, op. max:55(degree C); Temp, op. (KIA7019 - KIA7045) BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR) Active Low Voltage Detector
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
XC6215B122GL XC6215B122GR XC6215B122HL XC6215B122H |
0.8楼矛A Low Power Consumption Voltage Regulator with ON/OFF Switch 0.8渭A Low Power Consumption Voltage Regulator with ON/OFF Switch 0.8μA Low Power Consumption Voltage Regulator with ON/OFF Switch
|
Torex Semiconductor
|
ARK-1370-1J0A2E ARK-1370 ARK-1370-2J0A2E |
Low Power Consumption with -40° C Operating Temperature Low Power Consumption with -40掳 C Operating Temperature Low Power Consumption with -40隆? C Operating Temperature
|
Advantech Co., Ltd.
|