PART |
Description |
Maker |
BT139 BT139-600E |
Passivated, sensitive gate triacs in a SOT78 (TO-220AB) plastic package. BT139 series E Triacs; sensitive gate
|
NXP Semiconductors
|
T2322-D T2322B |
Sensitive gate Triac Silicon Bidirectional Thyristors(2.5A,200V敏感门三端双向可控硅晶闸 TRIAC 2.5A 200V Sensitive Gate Triacs
|
ON Semiconductor
|
MAC228A-D |
Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
MAC4DLM-001G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ON Semiconductor
|
MAC97A8RLRP |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ON Semiconductor
|
MAC4DHM-001G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
ON Semiconductor
|
MAC08MT1G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ON Semiconductor
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|
BT138B-500E BT138B-600E BT138B-800E |
Triacs sensitive gate
|
Philips Semiconductors
|
MAC12SN MAC12 MAC12SM |
Sensitive Gate Triacs
|
ON Semiconductor
|