PART |
Description |
Maker |
LT3466-1 LT3466EDD-1 LBRX LT3466EDD-1TR |
White LED Driver and Boost Converter in 3mm x 3mm DFN Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C White LED Driver and Boost Converter in 3mm × 3mm DFN Package White LED Driver and Boost Converter in 3mm ? 3mm DFN Package
|
LINEAR TECHNOLOGY CORP
|
SML-LX2832DRC-TR |
2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
|
LUMEX INC.
|
LT3570EUFPBF LT3570-15 |
3.1 A SWITCHING REGULATOR, 2750 kHz SWITCHING FREQ-MAX, PQCC24 1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
LINEAR TECHNOLOGY CORP
|
LT3905 |
Boost DC/DC Converter
|
Linear Technology
|
MP1541_06 MP1541 MP1541DJ |
1.3MHz Boost Converter
|
MPS[Monolithic Power Systems]
|
MIC214207 MIC214211 |
Micropower Boost Converter
|
Micrel Semiconductor
|
TS1935BCX5RFG |
1.9A / 1.2MHz Boost DC to Dc Converter
|
Taiwan Semiconductor Company, Ltd
|
EC9288 EC9288NNMHR |
5V 6A 1.2MHz Synchronous Boost Converter
|
E-CMOS Corporation
|
BD8314NUV-E2 |
3-12V 0.6A 1ch Boost converter
|
ROHM
|
AS1340A-BTDT-10 AS13401 AS1340 |
50V, Micropower, DC-DC Boost Converter
|
ams AG austriamicrosystems AG
|
G5125 |
Micro-Power Boost DC/DC Converter
|
Global Mixed-mode Technology Inc
|