PART |
Description |
Maker |
LCA6-56-L LCA6-38-L LCA6-14-L LCA4-56-L LCA4-12-L |
Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors
|
PANDUIT CORP.
|
EN11 EN11-VSM1BQ20 EN11-HNB0AF20 EN11-HNB0BF20 EN1 |
ROTARY CODED SWITCH-20POSITIONS, GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-RIGHT ANGLE 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-20POSITIONS, GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT
|
BITECH[Bi technologies] BI TECHNOLOGIES CORP
|
1872A007A1000 |
23 AWG bonded-pairs, solid bare copper conductor, non-plenum, polyolefin insulation, rip cord, see color code chart
|
List of Unclassifed Man...
|
EN11 EN11-HSB0AF20 EN11-HSB0AQ20 EN11-VNB0BF20 EN1 |
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-20POSITIONS, GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-RIGHT ANGLE 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT
|
BI Technologies Corporation BI Technologies, Corp.
|
GPLW5V060STRT003 GPLC2V5100MTRT001 GPLC2V5100MTRT0 |
LEO Series Industry’s Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
|
GALAXY[Galaxy Power, Inc.]
|
BYT40Y |
Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes 硅梅萨整流器 Silicon Mesa Rectifier From old datasheet system
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
PS9851-1-V-F4 PS9851-2-V-F4-A PS9851-1 PS9851-1-A |
Power Resistor; Series:MK; Resistance:10kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Power Resistor; Series:MK; Resistance:100ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RESISTOR, 100K OHM, 1% Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
NEC, Corp. NEC Corp. NEC[NEC]
|
HCS410T-SN HCS410_01 HCS410 HCS410-IP HCS410-ISN H |
The HCS410 is a code hopping transponder device designed for secure entry systems. The HCS410 utilizes the patented KEELOQ® ... KEELOQ㈢ Code Hopping Encoder and Transponder
|
MICROCHIP[Microchip Technology]
|
BYX132G |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Brown; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes High-voltage car ignition diode
|
Philips Semiconductors NXP Semiconductors
|
BYX132GL |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes High-voltage car ignition diode
|
Philips Semiconductors NXP Semiconductors
|
HCS360 HCS360T-/SN HCS360T-/P HCS360-/P HCS360-/SN |
Remote-Control Transmitter/Encoder KEELOQ? Code Hopping Encoder KEELOQ庐 Code Hopping Encoder
|
Microchip Technology
|
BYX82 BYX83 BYX84 BYX85 BYX86 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|