PART |
Description |
Maker |
X28LV010J-90 X28LV010J-12 X28LV010J-15 X28LV010P-1 |
MODULE P, GREEN(EMBEDDED CRYPTO PROD) WAFER, IND TEMP(EMBEDDED CRYPTO PROD) 8 PIN PDIP, IND TEMP, GREEN(EMBEDDED CRYPTO PROD) 8 PIN SOIC, IND TEMP, GREEN(EMBEDDED CRYPTO PROD) 128K X 8 EEPROM 3V, 90 ns, PQCC32 PLASTIC, LCC-32 128K X 8 EEPROM 3V, 90 ns, PDIP32 PLASTIC, DIP-32 128K X 8 EEPROM 3V, 90 ns, PDSO40 TSOP-40 128Kx8 EEPROM
|
Integrated Silicon Solution, Inc.
|
HF50ACB201209 HFXXACB3225 HFXXACB3216 HFXXACB2012 |
REMINDERS FOR USING THESE PRODUCTS
|
TDK Electronics
|
AM7949-1JC AM7949-2JC AM7949-3JC |
MODULE J, GREEN(EMBEDDED CRYPTO PROD) 通信集成电路 WAFER, IND TEMP(EMBEDDED CRYPTO PROD) 通信集成电路 Telecommunication IC 通信集成电路
|
Advanced Micro Devices, Inc. Integrated Device Technology, Inc.
|
BU-2741-D-48-0 BU-2741-D-48-2 |
Multiple Feature Test Prod to Unshrouded Right Angle Banana Plug
|
List of Unclassifed Man...
|
AT97SC3203-X5M30 |
CRYPTO5-00J - PROD LPC NO EK's(PC CRYPTO PRODUCTS) 8-BIT, EEPROM, 33 MHz, RISC MICROCONTROLLER, QCC40
|
Atmel, Corp.
|
SPM6530 SPM6530T-1R0M120 SPM6530T-4R7M SPM3012T-4R |
Inductors for Power Circuits Wound Metallic Magnetic Material SPM series REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
|
TDK Electronics
|
DG413AK_883 DG411A DG412AK DG412AK_883 DG411AK_883 |
Monolithic Quad SPST CMOS Analog Switches RECTIFIER STANDARD SINGLE 1.5A 1000V 1000 50A-ifsm 5uA-ir 1.15V-vf SMB 3K/REEL Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1855; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Analog Switch, SPST, Quad, NClosed, Ron = 35, Vlogic=5V, TTL Inputs, Power Supply V to 0V and Single Supply 5V to 34V
|
http:// INTERSIL[Intersil Corporation]
|
12C671 12C672 PIC12C672-04/SM PIC12C672-04I/MF PIC |
EPROM Memory Programming Specification EPROM存储器编程规 Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:White; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes SWITCH SPDT BASIC 40GF NON-SHORT
|
Microchip Technology, Inc. Microchip Technology Inc.
|
356004 359008 125001 125002 129002 129001 101001 1 |
LED Lamp; Color:Yellow; Luminous Intensity (MSCP):3.5ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through LED Lamp; Color:Yellow; Luminous Intensity (MSCP):10ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Green; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:25 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:1400V RoHS Compliant: Yes LED Lamp; Bulb Size:3mm; LED Color:Red/Red/Red/Red; Luminous Intensity:10ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Voltage:2.2V LED Lamp; LED Color:Green; Luminous Intensity:4ucd; Viewing Angle:110 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-55 C LED Lamp; Bulb Size:3mm; LED Color:Red/Green-Red/Green-Red/Green-Red/Green; Luminous Intensity:5ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Coaxial Cable; Impedance:75ohm; Conductor Size AWG:27; No. Strands x Strand Size:7 x 35; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 保险丝座和剪对于3AG保险 Fuse Blocks and Clips - For 3AG Fuses 保险丝座和剪对于3AG保险 Fuse Blocks and Clips Screw Terminal Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:6; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 保险丝座和剪对于3AG保险
|
Littelfuse, Inc.
|
15BS 15BSA 15BSB 15BSC 3.0BSA 3.0BSB 2.0BSB 2.7BS |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Features:Unshielded; Jacket Color:Natural; Outer Diameter:0.134"; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes SILICON PLANAR ZENER DIODE SILICONPLANARZENERDIODE CONNECTOR ASSEMBLIES SSR H/S ZS CS AR 4-32VDC 50A 230V OTP PNP NO Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 50/125 PVC MTRJ-SC 5M DUPLEX ASSEM Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Green; Conductor Material:Copper; Jacket Material:Rubber DIODE ZENER SINGLE 1000mW 56Vz 4.5mA-Izt 0.05 5uA-Ir 42.6Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 56Vz 4.5mA-Izt 0.05 5uA-Ir 42.6Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/AMMO TRANS PNP BIPOLAR 40V SOT523 MMBT5401LT1, HIGH VOLT, PNPTRAN TRANS PNP 150V 350MW SMD SOT-23 XSTR/SM, NPN 0.350W 160V 0.6A SOT-23 CAT5E 350MHZ PATCH CABLE 30FT, SNAGLESS, PINK Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 50/125 PVC MTRJ-LC 2M DUPLEX ASSEM 50/125 PVC MTRJ-LC 1M DUPLEX ASSEM CENTRONICS PARALLEL CBLS 36 PIN F - 36 PIN F GBASE 350 C5E PNK STRANDED BLK 250FT CAT5E 350MHZ PATCH CABLE 50FT, SNAGLESS, PINK GIGABASE 350 CAT5E PATCH 100 FT, SNAGLESS, PINK Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Shielding Material HEMOSTAT 8 CURVED PICKSET ELECTRONIC 7 PC SCISSORS ELECTRICIANS COMPACT HEMOCLAMP/HEMOSTAT (STRAIGHT) 1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:75 C; Voltage Nom.:30V RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:16 x 34; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Impedance:90ohm; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes Paired Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes surface mount silicon Zener diodes 表面贴装硅稳压二极管 CONNECTOR ACCESSORY 连接器附 HEMOSTAT 8 STRAIGHT 硅平面稳压二极管 LENS FOR T1 BLUE ROUND 硅平面稳压二极管 SSR H/S ZS CS AR 4-32VDC 30A 600V OTP NPN NO 硅平面稳压二极管 6.35mm Blade Horizontal Tab, 0.8mm thick, reeled, tin/lead
|
SEMTECH[Semtech Corporation] SemtechCorporation Semtech, Corp.
|