PART |
Description |
Maker |
DECB33J681KC4B |
Packing in bulk
|
Murata Manufacturing Co., Ltd.
|
DE1E3KX472MA5BA01 |
Packing in bulk
|
Murata Manufacturing Co., Ltd.
|
2SD2474 |
Low collector to emitter saturation voltage VCE(sat). packing and the magazine packing
|
TY Semiconductor Co., L...
|
P10/160B P10/110B P10/250B |
PACKING GLAND TYPE 10 16MM PACKING GLAND TYPE 10 11MM PACKING GLAND TYPE 10 25MM 包装腺型10 25毫米
|
Stackpole Electronics, Inc.
|
AIC1680 AIC1680-C16CU AIC1680-C16CV AIC1680-C16CX |
CAP 3.3UF 50V 10% X7R AXIAL BULK R-MIL-PRF-39014 CAP 68PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 1000PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 1200PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 180PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 33PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 47PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 680PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CAP 560PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 CMOS Hex Non-Inverting Buffer/Converter 16-PDIP -55 to 125 Ultra Low Power Voltage Detector 超低功耗电压检测器 CAP 27PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 超低功耗电压检测器 CAP 56PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 超低功耗电压检测器 CAP 1000PF 100V 20% X7R AXIAL BULK S-MIL-PRF-39014 超低功耗电压检测器
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
E011419 |
Packing Specification
|
HOKURIKU ELECTRIC INDUSTRY CO.,LTD
|
AQV202 AQV202A AQV103 AQV103A AQV101 AQV101A AQV20 |
PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 1/2/3-pin side. ER 17C 17#16 PIN RECP ER 8C 8#16 PIN RECP WALL ER 17C 17#16 SKT RECP ER 14C 14#16 SKT RECP WALL ER 2C 2#8 SKT RECP WALL HF (High Function) Type [1-Channel (Form A) Type] PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Nais(Matsushita Electri... ETC[ETC] NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
G8912BCI G8912BD G8912BL G8912BLI G8912BP G8912BE |
CMOS PCM Transmit/receive Filters Aluminum Snap-In Capacitor; Capacitance: 3900uF; Voltage: 63V; Case Size: 30x35 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 80V; Case Size: 25x30 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 22x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 25x50 mm; Packaging: Bulk
|
California Micro Device... California Micro Devices Corporation
|
CP005028R00KB14 CP002M2R050JB37 CP002M1K500JB37 CP |
WIREWOUND,28 OHM,10%,50W,300PPM,AXL,THRU-HOLE,BULK - Bulk Wire Wound Resistor, RESISTOR, WIRE WOUND, 4 W, 5 %, 50 ppm, 2.05 ohm, SURFACE MOUNT, CHIP Wire Wound Resistor, RESISTOR, WIRE WOUND, 4 W, 5 %, 50 ppm, 1500 ohm, SURFACE MOUNT, 7125, CHIP Res Wirewound 270 Ohm 1% 4W ±50ppm/C Ceramic Steatite SMD Bulk Wire Wound Resistor, RESISTOR, WIRE WOUND, 15 W, 5 %, 300 ppm, 510 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, GREEN Wire Wound Resistor, RESISTOR, WIRE WOUND, 10 W, 5 %, 300 ppm, 2.7 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, GREEN Wire Wound Resistor, RESISTOR, WIRE WOUND, 4 W, 1 %, 90 ppm, 0.1 ohm, SURFACE MOUNT, 7125, CHIP WIREWOUND,2KOHM,10%,5W,300PPM,AXL,THRU-HOLE,BULK - Bulk WIREWOUND,1K OHM,10%,5W,300PPM,AXL,THRU-HOLE,BULK - Bulk
|
Vishay Dale
|
AQV217SX AQV217SZ AQV215SX AQV215SZ AQV216SZ AQV21 |
PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 600 V, load current 40 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 400 V, load current 100 mA. Tape and reel packing style, picked from the 4/5/6-pin side. GU (General Use) Type SOP Series [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 60V, load current 350 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 350 V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 350 V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type [1-channel (form A ) type]. Output rating: load voltage 400 V, load current 100 mA. Tape and reel packing style, picked from the 1/2/3-pin side.
|
NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
IRF46ER223K IRF46ER822K IRF46ER303K IRFC20N50AB VI |
General Fixed Inductor, 1 ELEMENT, 22000 uH, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, 1 ELEMENT, 8200 uH, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, 1 ELEMENT, 30000 uH, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, HALOGEN FREE AND ROHS COMPLIANT MOSFET N-CHANNEL 500V - Bulk MOSFET N-CHANNEL 100V - Bulk MOSFET P-CHANNEL 200V - Bulk MOSFET P-CHANNEL 60V - Bulk MOSFET N-CHANNEL 200V - Bulk MOSFET N-CHANNEL 60V - Bulk
|
Vishay Dale
|
|