PART |
Description |
Maker |
CYT6206A15 CYT6206A28 |
400mA low-power low-dropout linear voltage regulator
|
CYT
|
G941T25B G941T25T G941T25U G940T22B G941T22B G940T |
3.7V 400mA Low Dropout Regulator 3.7 V, 400 mA low dropout regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Global Mixed-mode Techn... Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
MIC29201-12BT MIC29201-12BU MIC29201-3.3BM MIC2920 |
ADAPTOR, TNC FEMALE-FEMALE; Connector type A:TNC Female; Connector type B:TNC Female; Material, contact:Beryllium Copper; Plating, contact:Gold over Nickel; Impedance:50R RoHS Compliant: Yes ADAPTOR, TNC JACK-JACK; Connector type A:TNC Female; Connector type B:TNC Female; Impedance:50R RoHS Compliant: Yes Replaced by PTN78060H : 400mA Low-Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PSSO5 400mA Low-Dropout Voltage Regulator 4.85 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5 400mA Low-Dropout Voltage Regulator 1.24 V-26 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
SPX2975_05 SPX2975 SPX2975R5-50 SPX2975R5-50_TR SP |
400mA Low Dropout Voltage Regulator
|
SIPEX[Sipex Corporation]
|
SPX2967T SPX2967 SPX2967U |
400mA Low Dropout Voltage Regulator
|
Sipexoration SIPEX[Sipex Corporation]
|
SPX2945S-5-0TR SPX2945T5-5-0 SPX2945T5-5-0TR SPX29 |
400mA Low Dropout Voltage Regulator with Shutdown
|
Sipex Corporation
|
AIC1729-3018CN AIC1729 |
400mA Low Dropout Linear Regulator with Voltage Detector Function 400mA的低压差线性稳压器的电压检测功
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MC3362 MC3362DW MC3362P ON1072 |
Single Output LDO, 400mA, Fixed(2.5V), Low Noise, Fast Transient Response 8-MSOP -40 to 85 From old datasheet system LOW-POWER DUAL CONVERSION FM RECEIVER
|
Motorola, Inc. ON Semi
|
LP2950ACDT-3.0RK LP2950ACZ-3.0RA LP2950CDT-3.0RK L |
100mA, 3V, Low Power Low Dropout Voltage Regulator 100mA, 3.3V or Adjustable, Low Power Low Dropout Voltage Regulator with Error Flag Output
|
ON Semiconductor
|
LDO58 |
IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|