PART |
Description |
Maker |
CSC1730R CSC3199Y CN451 TIS86 MPSA43 MPSH32 |
150 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
S8050-C S8050-B S8050-D S8050-C-BP S8050-D-AP |
NPN Silicon Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2N3724 2N3724.MODE1 |
500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
KSP13BU KSP13TF |
NPN Epitaxial Silicon Darlington Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Darlington Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
MSD1328-T1_D MSD1328-RT1 MSD1328RT1 ON2376 |
NPN Low Voltage Output Amplifier Surface Mount 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
BCV29TA |
500 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
KTN2369S |
500 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
MPSA05-5 |
500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Motorola Mobility Holdings, Inc.
|
|