PART |
Description |
Maker |
5962-8752805SX 5962-8752804RX 5962-8752804SX 5962- |
10µA, Low-Dropout, Precision Voltage Reference Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown 500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown TFT-LCD Step-Up DC-DC Converter 保险丝,可编程的PLD
|
Vishay Intertechnology, Inc.
|
LTC1775 LTC1775I LTC1775IGN LTC1775IS LTC1775C LTC |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 85 High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
RT9901 RT9901GQV RT9901PQV |
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
|
Richtek Technology Corporation
|
ADP3000ARU-REEL ADP3000AR-REEL ADP3000AR-5-REEL AD |
High Efficiency Step-Up/Step-Down Switching Regulator
|
Analog Devices
|
MD1322F |
high-efficiency step down DC-DC converter power integrated circuit
|
Shindengen Electric
|
3433EFE LT3433IFE LT3433 LT3433EFE 3433IFE |
High Voltage Step-Up/Step-Down DC/DC Converter
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC3555EUFD-1-PBF LTC3555IUFD-1-PBF LTC3555EUFD-1- |
High Effi ciency USB Power Manager Triple Step-Down DC/DC
|
Linear Technology
|
5962-8971701MXX |
High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power 希夫
|
Nihon Inter Electronics, Corp.
|
BD8152FVM BD8152FVM1 BD8158FVM |
High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
|
Rohm
|