PART |
Description |
Maker |
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STU26NM60 STU26NM60I |
26 A, 600 V, 0.135 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 26A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 600V的五(巴西)直|6A条(丁)|20VAR N-CHANNEL 600V 0.125 OHM 26A TO-247/MAX220/MAX220I ZENER-PROTECTED MDMESH POWER MOSFET
|
STMICROELECTRONICS Integrated Device Technology, Inc. SGS Thomson Microelectronics
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
APT6015JN APT6018JN |
POWER MOS IV 600V 38.0A 0.15 Ohm / 600V 35.0A 0.18 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
IRFBC20L IRFBC20S |
Power MOSFET(Vdss=600V/ Rds(on)=4.4ohm/ Id=2.2A) Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
STD2HNK60Z STD2HNK60Z-1 STQ2HNK60ZR-AP STF2HNK60Z |
0.5 A, 600 V, 4.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 TO-92, 3 PIN N-channel 600V - 4.4楼? - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH垄芒 Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH?/a> Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH Power MOSFET N-channel 600V - 4.4ヘ - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH⑩ Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STP5NK60Z STP5NK60ZFP STD5NK60ZT4 STD5NK60Z STP5NK |
N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?⑿ower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMicroelectronics
|
IRFBC40AS IRFBC40ASTRL IRFBC40ASTRR |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 1.2ohm,身份证\u003d 6.2A
|
IRF[International Rectifier] International Rectifier, Corp.
|
STP9NK60ZFP STP9NK60Z STB9NK60Z STB9NK60-1 STB9NK6 |
N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N沟道600V.85欧姆7A条TO-220/TO-220FP/D2PAK/I2PAK稳压保护SUPERMESH功率MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH⒙POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?Power MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|