PART |
Description |
Maker |
191640162 191640163 191640164 191640165 |
SOLDER SPLICE CONNECTOR
|
Molex Electronics Ltd.
|
15-97-7162 15-97-7122 15-97-7062 15-97-7066 15-97- |
A-30069-16A1 O/DH 16Ckt 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-12A1 V-0 w/o drain hole 12 Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-06A1 VO/DH 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-06B1 /DH 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit TPA Vt Hdr/Pegs Au O/DH 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-30069-04A2 VO/DH 4Ckt 15977042
|
Molex, Inc. MOLEX INC
|
FOC-FDX20-PP-LCQ6-OM2-PT9 |
DIN rail splice box, fully mounted ready to splice, for 12x LC duplex (OM2)
|
PHOENIX CONTACT
|
53325-1360 53325-0760 53325-0260 53325-1060 53325- |
2.0 WtB Wafer Assy RA 13Ckt 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:1; Series:Mi II; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 11Ckt 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
19045-1000 19045-3180 64001-5300 19401-1000 19402- |
SCPC Tap Splice Connector and Safety Cap
|
MolexKits
|
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
DF22L-5P-7.92DS05 DF22-5P-7.92DS05 DF22-5P-7.92DSA |
5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER ROHS COMPLIANT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TüV Listed)
|
HIROSE ELECTRIC Co., Ltd.
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
70543-0251 70543-0045 70543-0248 70543-0278 70543- |
CGRID SL VHDR TIN 5 CKT 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR TIN 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR 15 GOLD 2 CKT 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 150 30 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGRID SL VHDR SR 30 GOLD 4CKT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL Srd VHdr SR 120 Tin 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid SL SMT Vhdr SR 120 15 SAu 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
43915-1218 43915-1118 43915-1211 43915-1104 43915- |
MF Sr Hdr Assy DR 250 Vt 10 Ckt SGold 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 250 Vt 10 Ckt Tin 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 125 Vt 06 Ckt SGold 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER HEADER,12 POS, DUAL ROW, VERT,30A 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 439151207 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
790-028PJ-25P2MNA 790-028PL-6P6ZNUNB 790-028PL-6P6 |
Straight Printed Circuit Board Connectors 6 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 15 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 17 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 2 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 13 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE 23 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
|