PART |
Description |
Maker |
LT1763CS8-2.5PBF LT1763CS8-2.5TR LT1763CS8-2.5TRPB |
500mA, Low Noise, LDO Micropower Regulators
|
Linear Technology
|
SP6203EM5 SP6205ER_TR SP6203 SP6203_07 SP6203EM5_T |
Low Noise, 300mA and 500mA CMOS LDO Regulators
|
SIPEX[Sipex Corporation]
|
LT1763IDE-1.5 LT1763IDE-1.5-PBF LT1763IDE-1.5-TR L |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, MO-229WGED, DFN-12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
RT9167 RT9167-33CB RT9176_A-15CB RT9176_A-15CBR RT |
1.8V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.7V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.6V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.5V low-noise, fixed output voltage 200mA/500mA LDO regulator PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE PREMIUM RS232 DATA CBL DB25 MALE - DB25 MALE CONNECTOR ACCESSORY D52 - BACKSHELL NON-ENVIRON EMI-RFI STRT PREMIUM RS232 DATA CBL DB25 FEMALE - DB25 FEMALE LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR 低噪声固定输出电00MA/500MA LDO稳压 EDQ MOLDED 25C 20FT MF 低噪声固定输出电00MA/500MA LDO稳压 IC ENCODER TRANSMITTER RF 8DIP 低噪声固定输出电00MA/500MA LDO稳压 TRANSFORMER 0.50MH 1:1.3 PULSE 低噪声固定输出电00MA/500MA LDO稳压 INDUCTOR, 470UHINDUCTOR, 470UH; Inductance:470uH; Inductor type:Inductor; Current, DC max:0.64A; Resistance:0.16R; Case style:D; Diameter, PCB hole:0.64mm; Flammability rating:UL94V-0 低噪声固定输出电00MA/500MA LDO稳压 Connector assemblies 低噪声固定输出电00MA/500MA LDO稳压
|
RichTek ETC Electronic Theatre Controls, Inc.
|
LT1962-3.3 LT1962-1.5 LT1962-1.8 |
300mA, Low Noise, Micropower LDO Regulators(3.3V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.5V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.8V杈??,300mA, 浣??澹?寰????浣??宸???虹ǔ???)
|
Linear Technology Corporation
|
BD00GA5WEFJ-E2 BD30GA5WEFJ BDJ2GA5WEFJ-E2 BD90GA5W |
500mA Variable Output LDO Regulators 500mA Fixed Output LDO Regulators
|
ROHM
|
SPX3819_07 SPX3819 SPX3819M5 SPX3819M5_TR SPX3819M |
500mA, Low-Noise LDO Voltage Regulator
|
http:// SIPEX[Sipex Corporation]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT3028EDHCTRPBF |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
|
Linear Technology
|
LT1762 LT1762-5 LT1762-3.3 LT1762-3 LT1762-2.5 LT1 |
150mA, Low Noise, LDO Micropower Regulators(3.3V输出50mA,低噪声,低压差稳压器) 150mA的,低噪声,LDO的微功耗稳压器3.3V的输出,50mA,低噪声,低压差稳压器) 150mA, Low Noise, LDO Micropower Regulators(2.5V输出50mA,低噪声,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
|