PART |
Description |
Maker |
TC7660H TC7660HCOA TC7660HEPA TCA7660 TC7660HCPA T |
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER The TC7660H is a pin-compatible,high frequency up-grade to the Industry standard TC7660 charge pump voltage converter.It converts a 1.5V to 10V input to a corresponding – 1.5V to – 10V output using only two low--cost capacito IC-CMOS- BINARY COUNTER 高频7660型DC - DC电压转换 HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER 高频7660型DC - DC电压转换
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc. Microchip Technology Inc.
|
50L-001 |
FEEDTHRU TERMINATION
|
JFW Industries, Inc.
|
50L-018 |
FEEDTHRU TERMINATION
|
JFW Industries, Inc.
|
75L-001 |
FEEDTHRU TERMINATION
|
JFW Industries, Inc.
|
PE6033 |
N FEEDTHRU TERMINATION FREQUENCY RANGE: DC.1 GHz max vswr: 1,65:1
|
Pasternack Enterprises, Inc.
|
W2F11A1018AT W2F11A2218AT W2F15C1038AT W2F11A4718A |
Feedthru 0805/1206 Capacitors Feedthru 0805/1206 Capacitors
|
AVX Corporation
|
IHSM-7832 IHSM-7832-RG3R9L IHSM-7832RG3R9L IHSM-78 |
High Current, Flame Retardant Encapsulated Inductor High Current Surface Mount Inductor High Current, Surface Mount Inductor 高电流,表面贴装电感 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. VISHAY DALE
|
BC878 BC880 |
PNP Silicon Darlington Transistors (High current gain High collector current)
|
Siemens Semiconductor Group
|
C62702-C941 C62702-C942 C62702-C943 |
PNP Silicon Darlington Transistors (High current gain High collector current)
|
SIEMENS AG Siemens Semiconductor Group
|
2SC5069 |
High current capacity. Adoption of MBIT process. High DC current gain.
|
TY Semiconductor Co., Ltd
|
LB1231 LB1233 LB1232 LB1234 |
High-Voltage, Large Current Darligton Transistor Array High-Voltage, High- Current Darlington Transistor Array PERIPHERAL DRIVER,7 DRIVER,BIPOLAR,DIP,16PIN,PLASTIC Septuple Peripheral Driver From old datasheet system High-Voltage / High- Current Darlington Transistor Array
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp Sanyo Electric Co.,Ltd.
|