PART |
Description |
Maker |
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74F04 N74F04D N74F04N I74F04N I74F04D I74F04 I74F0 |
Hex inverter - Description: Hex Inverter ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 3.5 ns; Voltage: 4.5-5.5 V; Package: week 5, 2004 F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HCF4502M013TR HCF4502B02 HCF4502 HCF4502BM1 |
4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDSO16 STROBED HEX INVERTER/BUFFER STROBED HEX INVERTER/BUFFER
|
STMicroelectronics ST Microelectronics
|
74HCU04BQ |
Hex inverter HC/UH SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
74LVX04MXNL |
Low Voltage Hex Inverter LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
AT89C51RC-24PC AT89C51RC-24AI AT89C51RC-33AC AT89C |
Hex Inverter 14-SSOP -40 to 125 ECONOLINE: RSZ/P - 1kVDC Hex Inverter 14-SOIC -40 to 125 8-bit Microcontroller with 32K Bytes Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
MC14069UBCL MC14069UBCP MC14069UB MC14069UBD 4069U |
CERAMIC CHIP/MIL-PRF-55681 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 ORDERING INFORMATION Hex Inverter
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
MC54HCT14AJ MC54_74HCT14A ON1509 |
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs HEX SCHMITT-TRIGGER INVERTER WLTH LSTTL COMPATLBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
74AHCU04 74AHCU04BQ 74AHCU04D 74AHCU04BQ115 |
Hex inverter; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" AHC/VHC/H/U/V SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
AT89C55-24PI AT89C55-16PA AT89C55-24PC AT89C55-24A |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 8-Bit Microcontroller with 20K Bytes Flash Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
MM74HCT04MTCX |
Hex Inverter; Package: TSSOP; No of Pins: 14; Container: Tape & Reel HCT SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74ACTQ14 74ACTQ14MTC 74ACTQ14PC 74ACTQ14SC |
Quiet SeriesHex Inverter with Schmitt Trigger Input ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series Hex Inverter with Schmitt Trigger Input From old datasheet system
|
Fairchild Semiconductor, Corp.
|