PART |
Description |
Maker |
LTP5901-IPM-15 LTP5902-IPM-15 |
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
|
Linear Technology
|
MAX2820 MAX2820EGM-TD MAX2820ETMTD MAX2820-MAX2821 |
2.4GHz 802.11b Zero-IF Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX2820AETM-TD MAX2821AETMTD MAX2820AETMTD MAX2820 |
2.4GHz 802.11b Zero-IF Transceivers
|
Maxim Integrated Products KOA Speer Electronics, Inc. Maxim Integrated Produc...
|
MAX2830 MAX2830ETMT |
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
|
Maxim Integrated Products
|
RFFM8850PPCK-410 |
Dualband 2.4GHz and 5.0GHz 802.11b/g/n/a/ac Wi-Fi? Switch LNA Front End Module
|
RF Micro Devices
|
MAX2832ETM MAX2831ETM MAX283111 MAX2832ETMT MAX283 |
2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA 2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
|
Maxim Integrated Products Maxim Integrated Produc...
|
RFX242 |
2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
|
Skyworks Solutions Inc.
|
IS28F200BVB-120TI IS28F200BVT-120TI IS28F200BVB-80 |
CRYSTAL 9.8304MHZ 20PF HC-49/UA G1 802.15.4 2.4GHZ 256K X 8 FLASH 5V PROM, 60 ns, PDSO48 SIP 802.15.4 2.4GHZ 16KB 256K X 8 FLASH 5V PROM, 80 ns, PDSO48 131,072 x 16/262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY 256K X 8 FLASH 5V PROM, 60 ns, PDSO48 131,072 x 16/262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY 131,072 x二百六十二分之十六,144 × 8 SmartVoltage引导块闪
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
LTC5800IWR-WHMAPBF |
C5800-WHM SmartMesh WirelessHART Mote-on-Chip
|
Linear Technology
|
ACD82224 |
Single chip implementation of 24-port 10/100 ethernet switch system intended for IEEE 802.3 and 802.3u compatible networks.
|
Advanced Communication Devices
|
BCM94328 |
AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU 空军一个单片IEEE 802.11a/b/g无线MAC /基频/收音机集成CPU
|
Broadcom, Corp.
|