PART |
Description |
Maker |
NUCLEO-L053R8 NUCLEO-F411RE NUCLEO-L152RE NUCLEO-F |
Nucleo development board for STM32 L0 series - with STM32L053R8 MCU, supports Arduino STM32 Nucleo development board for STM32 F4 series - with STM32F411RE MCU, 512KB flash memory, TQFP64 package STM32 Nucleo development board with STM32L152RET6 MCU, supports Arduino STM32 Nucleo development board for STM32 F0 series - with STM32F030R8T6 MCU supports Arduino Nucleo development board for STM32 F3 series - with STM32F334R8 MCU,supports Arduino STM32 Nucleo development board for STM32 F4 series - with STM32F401RE MCU, supports Arduino
|
ST Microelectronics
|
STSW-STM32142 |
Using STM32F4 MCU power modes with best dynamic efficiency (AN4365)
|
ST Microelectronics
|
STM3220G-EVAL |
Evaluation board for STM32 F2 series - with STM32F207IG MCU
|
ST Microelectronics
|
STM32F429I-DISCO 32F429IDISCOVERY |
Discovery kit for STM32 F429/439 lines - with STM32F429ZI MCU
|
ST Microelectronics
|
STM3210C-SK/IAR |
IAR starter kit for STM32 F1 series Connectivity Line microcontrollers (STM32F107VC MCU)
|
ST Microelectronics
|
MAX1586 MAX1586AETM MAX1586BETM MAX1587 MAX1587AET |
High-Efficiency / Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones 0.3-6.0V; high-efficiency, low-Iq PMICs with dynamic core for PDAs and smart phones. For PDA, palmtop and wireless handhelds, 3-generation smart cell phones, internet appliances and web-books
|
MAXIM - Dallas Semiconductor
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
MAX1586 MAX1586A MAX1586AETM MAX1586BETM MAX1587 M |
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
|
Maxim Integrated Products
|
MAX1586 MAX1587AETL MAX1586A MAX1586AETM MAX1586BE |
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
STM32F3DISCOVERY |
STM32 F3 series discovery kit
|
STMicroelectronics
|
STEVAL-IHT005V1 |
3.3 V control of ACS/Triac with STM32
|
STMicroelectronics
|