PART |
Description |
Maker |
ADW22279ZC ADW22279ZC-RL7 ADW22280ZC ADW22280ZC-RL |
Single-Axis, High-g, iMEMS ccelerometers Single-Axis, High-g, iMEMS Accelerometers
|
Analog Devices
|
LS7766 |
32-BIT SINGLE- AXIS/DUAL-AXIS QUADRATURE COUNTER
|
LSI Computer Systems
|
AIS328DQ AIS328DQTR |
High-performance ultra low-power 3-axis accelerometer for automotive applications High-performance ultra low-power 3-axis accelerometer
|
ST Microelectronics STMicroelectronics
|
AD22279-A-R2 AD22280-R2 AD22281 AD22281-R2 AD22280 |
SINGLE-AXIS, HIGH-G, IMEMS ACCELEROMETERS
|
AD[Analog Devices]
|
AN2989 |
high performance ultra low-power 3-axis accelerometer
|
STMicroelectronics
|
ADXL325 EVAL-ADXL325Z ADXL325BCPZ-RL ADXL325BCPZ-R |
Small, Low Power, 3-Axis ±5 g Accelerometer; Package: 16-LFCSP (4x4mm, stacked Die w/Glass seal 1.75mm); Temperature Range: -40°C to 125°C SPECIALTY ANALOG CIRCUIT, PQCC16 Small, Low Power, 3-Axis ±5 g Accelerometer Small, Low Power, 3-Axis 隆戮5 g Accelerometer
|
Analog Devices, Inc.
|
LIS344ALHTR |
MEMS inertial sensor high performance 3-axis / g ultracompact linear accelerometer
|
ST Microelectronics
|
H3LIS331DL H3LIS331DLTR |
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
|
STMicroelectronics
|
SCA830-D06 |
SCA830-D06 1-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
|
Murata Manufacturing Co., Ltd.
|
ADXL250JQC ADXL150 ADXL150JQC ADXL150AQC ADXL150EM |
-5 g to -50 g/ Low Noise/ Low Power/ Single/Dual Axis iMEMS Accelerometers -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers Circular Connector; No. of Contacts:6; Series:LJTP02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:9-35 ±50g Single Axis Accelerometer with Analog Output ±50g Dual Axis Accelerometer with Analog Outputs
|
Analog Devices, Inc.
|
SD708 |
(SD705 - SD708) FAMILY OF TINY ROBUST SINGLE AXIS GYROSCOPES FOR HIGH END APPLICATIONS
|
SensorDynamics
|