PART |
Description |
Maker |
F-CBS-F1 F-CBS-F3 F-CBS-F5 F-CBS-F2 |
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
|
List of Unclassifed Man...
|
TVR10561 TVR20101 TVR14431 TVR20180 TVR20181 TVR20 |
From old datasheet system (TVR Series) ZINC OXIDE VARISTOR 50 SERIES Shrink Tubing; Shrink Ratio:2:1; Material:Polyolefin RoHS Compliant: Yes R- 600 PRV 6A ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电50系列 ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电0系列
|
N.A. ETC[ETC] Electronic Theatre Controls, Inc. STMicroelectronics N.V.
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
0237 AA-0237-1 AA-0237-3 AA-0237-5 |
The 237 Series is designed to provide more aggressive performance than the 220 or 221 series.
|
JMK Inc.
|
SQP200 SQP20A SQP700 SQP SQP10A SQP300 SQP500 SQP1 |
AXIAL LEAD TYPE Standard TypeSQP Series, Non-Inductive TypeNSP Series
|
List of Unclassifed Manufacturers ETC[ETC]
|
SLR-342YC |
Viewing angle 2 1/2 : 40 Series SLR-342 Series ROHM Customer Support System
|
Rohm
|
Y08JS-90B Y08JS Y08JS-145A Y08JS-145B Y08JS-230A Y |
From old datasheet system Y08JS SERIES TI-SERIES TIPPETTE ROCKER SWITCH, DOUBLE POLE
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
5-202577-2 |
G Series Modular Connectors ( A Multimate Product ); LOCKING SPRING KIT,G-SERIES ( AMP )
|
Tyco Electronics
|
HD74LVC2G53 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC2G Series
|
Renesas
|
SQP SQP15A SQP10A SQP300 SQP500 SQP200 SQP700 SQP2 |
AXIAL LEAD TYPE Standard TypeSQP Series, Non-Inductive TypeNSP Series 轴向引线型标TypeSQP系列,无感TypeNSP系列
|
Electronic Theatre Controls, Inc.
|