PART |
Description |
Maker |
NEZX473Z55VV115X13F NEZX104Z55VV115X13F NEZX224Z55 |
Memory Back-Up Capacitors
|
NIC-Components Corp.
|
NEDZN105Z27V8X12F NEDZN105Z25V8X12F NEDZN107Z25V25 |
Radial Leaded & Snap-in Back-Up Capacitors
|
NIC-Components Corp.
|
NEZVN104Z5.5V12.5X8.5TRF NEZVN104Z55V125X85TRF NEZ |
V-Chip Memory Back-Up Capacitors V-Chip Memory Back-Up Capacitors
|
NIC-Components Corp.
|
MWDM1L-GP-0E MWDM2L-GP-0E MWDM4L-GP-0E MWDM5L-GP-0 |
Micro-D Metal Shell MWDM Back-To-Back Unshielded Cable Assemblies
|
Glenair, Inc.
|
891-00525CST-0 891-00525CSA1-0 891-00525CSA1-2 891 |
Nanominiature Connectors Double Row Back-To-Back
|
Glenair, Inc.
|
JE93I9HTR5 JE9 JE9112HR1 JE9112HR2 JE9112HR3 JE911 |
Digital Media System-on-Chip (DMSoC) 338-NFBGA 大功率磁保持继电 2.0mV Quad Ultra Micropower Rail-to-Rail CMOS Operational Amplifier, 24L SOIC 大功率磁保持继电 HIGH POWER LATCHING RELAY 大功率磁保持继电 Energy Harvesting Module w/ connector, 1.8V to 3.6V, 4.6mJ, 68msec@25mA Energy Harvesting Module w/ connector, 3.1V to 5.2V, 55mJ, 88msec@150mA Energy Harvesting Module w/ connector, 3.1V to 5.2V, 8.3mJ, 80msec@25mA Energy Harvesting Module w/ connector, 1.8V to 3.6V, 30mJ, 75msec@150mA SOIC socket added to Adapter Module
|
Hongfa Relay ???瀹???靛0?′唤?????? Xiamen Hongfa Electroacoustic Co., Ltd. 厦门宏发电声股份有限公司 HONGFA[Hongfa Technology]
|
SFT1002 SFT1004 SFT1012 SFT1010 SFT1014 SFT1016 |
250 V, 100 A high speed NPN transistor 120 V, 100 A high energy NPN transistor 100 V, 100 A high energy NPN transistor 140 V, 100 A high energy NPN transistor 160 V, 100 A high energy NPN transistor
|
Solid State Devices Inc
|
MTP10N60E7 ON2541 MTP10N60E7-D |
TMOS 7 E-FET High Energy Power FET TMOS 7 E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate From old datasheet system TMOS POWER FET 10 AMPERES 600 VOLTS
|
ON Semiconductor
|
B32330I6205J060 B3233I6755J00 |
Film Capacitors ?AC Capacitors Film Capacitors ?AC Capacitors Motor run capacitors
|
TDK Electronics
|
50-57-9320 50-57-9319 50-57-9312 50-57-9311 50-57- |
SL Crp Hsg D SR Back Rbs 20Ckt 20 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 19Ckt 19 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 12Ckt 50579311 Connector Housing; Gender:Female; No. of Contacts:7; Series:SL; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Connector Body Material:Polyester; For Use With:70058 and 71851 crimp terminals
|
Molex, Inc. MOLEX INC
|
ADP-12V ADP-25FWBB |
Energy Star Compliance Energy Star Compliance (Level VI)
|
Delta Electronics, Inc.
|