PART |
Description |
Maker |
SP7663ER_TR SP7663ERL_TR SP766307 SP7663 |
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
|
SIPEX[Sipex Corporation]
|
MP8352 MP8352DL |
3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
|
Monolithic Power System...
|
EL7516IYZ- EL7516IYZ-T7 EL7516IY-T7 EL7516 EL7516I |
International Rectifier 600kHz/1.2MHz PWM Step-Up Regulator 600kHz/1.2MHz PWM升压调节
|
15 IRF[International Rectifier] International Rectifier, Corp.
|
LT1307CS8 LT1307CN8 LT1307CMS8 |
Single Cell Micropower 600kHz PWM DC/DC Converters 8-Bit Identity Comparators (P=Q) with Enable and 20K Ohm Q-Input Pullup Resistors 20-SOIC 0 to 70
|
http:// Linear Technology Corporation
|
ATC18 |
ER 4C 4#4 SKT RECP Embedded ASIC Memory Cell The ATC18 Cell-based ASIC (CBIC) family features a comprehensive library of 0.18-micron standard logic and I/O cells designed to operate with a supply voltage of 1.8V /- 0.15V and memory cells compiled to the precise requirements of the d
|
Atmel Corp. ATMEL Corporation
|
60K3A2H |
Ni-Cd BUTTON CELLS
|
Wing Shing Computer Components
|
BR2032-1HE COMP-1-2 COMP-1-2RP COMP-1-2VL COMP-1-2 |
3V LITHIUM COIN CELLS WITH PC MOUNT
|
Panasonic Semiconductor
|
II640-GY |
6 x 4 Cells, Bi-Color Intelligent Ind...
|
Infineon
|
BUDI-2500D-1A |
25 AMP SOZA DIODE CELLS
|
DIOTEC Electronics Corporation
|
BUDI-3500D-1A |
35 AMP SOZA DIODE CELLS
|
DIOTEC Electronics Corporation
|
ATC20 |
ATC20 Summary [Updated 9/02. 11 Pages] The ATC20 Cell-based ASIC (CBIC) family features a comprehensive library of 0.21-micron standard logic and I/O The ATC20 Cell-based ASIC (CBIC) family features a comprehensive library of 0.21-micron standard logic and I/O cells designed to operate with a supply voltage of 1.8V /- 0.15V and memory cells compiled to the precise requirements of the d
|
ATMEL Corporation
|