PART |
Description |
Maker |
BAS70WFILM BAS70JFILM BAS70-04WFILM BAS70-06WFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE CYDC064B08 West Bridge Peripheral Controllers; Bus Width: x8; Speed: 55 ns 2K x 8 Automotive Dual-port Static RAM
|
ST Microelectronics STMicroelectronics
|
1N3064 1N3064T50R 1N3064TR |
Small Signal Diode 0.3 A, 75 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SB01-05Q SB01-05Q-E |
0.1 A, 50 V, SILICON, SIGNAL DIODE 50V, 100mA Rectifier Shottky Barrier Diode Small signal(single type) DIODE SCHOTTKY 50V 0.1A 3MCP
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
DTC113 DTC113ZCA DTC113ZE DTC113ZM |
NPN Small Signal Transistor Small Signal Diode
|
Taiwan Semiconductor Company, Ltd
|
BAT64-04W BAT64-05W BAT64-06W AT64-04W-TP |
Small Signal Schottky Diode 0.25 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
TMM6263 3490 TMM-6263 TMM6263FILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE From old datasheet system
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BAS70-07 6711 BAS70-07FILM -BAS70-07 |
From old datasheet system SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BAS16 |
Surface Mount Silicon Planar Small-Signal Diode 0.2 A, 85 V, SILICON, SIGNAL DIODE, TO-236
|
Diotec Semiconductor AG
|
|