PART |
Description |
Maker |
TW2815 |
4 Channel Video Decoders and Audio Codecs For Security Applications Pin to pin compatible
|
List of Unclassifed Manufacturers ETC[ETC]
|
IM811 IM811B IM811C IM811D |
Direct pin to pin drop-in replacement for industry-standard packages MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
|
ILSI America LLC MMD Components
|
EMW38GT |
CMOS 14 pin DIL compatible,
|
EUROQUARTZ limited
|
EPA249-10 EPA249-100 EPA249-11 EPA249-12 EPA249-13 |
8 Pin Triple TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, DSO8 8 Pin Triple TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
EM39GT3-38.880-2.5-30 VEM39GT5-38.880-2.5-30 EM39G |
HCMOS, 14 pin DIL compatible, MHz Range
|
EUROQUARTZ limited
|
MAX160707 MAX1607ETB MAX1607ESA |
USB Current-Limited Switch in Pin-Compatible Package
|
Maxim Integrated Products
|
MAX8863-D |
Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
|
ON Semiconductor
|
MAX636 MAX637 MAX637A MAX637B MAX637XC MAX637XCJA |
0.525 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO8 0.150 INCH, SO-8 150-mW Stereo Headphone Audio Amplifier, Pin Compatible with LM4880 and LM4881 8-SOIC -40 to 85 150-mW Stereo Headphone Audio Amplifier, Pin Compatible with LM4881 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:17000uF RoHS Compliant: Yes From old datasheet system Preset/Adjustable Output CMOS Inverting Switching Regulators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
EPA2720-100 EPA2720-125 EPA2720-150 EPA2720-175 EP |
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
TC1188-TECT |
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
Microchip Technology
|
WISMC01BI |
802.11b/g Wireless LAN - TCP/IP (BISM II Pin Compatible)
|
List of Unclassifed Manufacturers ETC
|