PART |
Description |
Maker |
KT20A150 KT20K120 KT20A120 KT20K150 |
Protectifiers - LowVF-Rectifier with Overvoltage protection
|
Diotec Semiconductor
|
B250KS15A B125KS15A |
Protectifiers - LowVF Bridge Rectifier with Overvoltage Protection
|
Diotec Semiconductor
|
KT20A12013 KT20K120 KT20A150 |
Protectifiers - LowVF-Rectifier with Overvoltage protection Rectifier with Overvoltage protection Protectifiers - LowVF-Rectifier with Overvoltage protection
|
Diotec Semiconductor
|
F5K120-13 |
LowVF-Rectifier with Overvoltage Protection
|
Diotec Semiconductor
|
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
SPK1245-C-S-A01 |
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
|
Rectron Semiconductor
|
BYZ35A22 BYZ35A2209 BYZ35A27 BYZ35A33 BYZ35A39 BYZ |
Silicon-Protectifiers with TVS characteristic ?High Temperature Diodes
|
Diotec Semiconductor
|
BYZ50A22 BYZ35A22 BYZ35A27 BYZ35A33 BYZ35A37 BYZ35 |
Silicon Protectifiers with TVS characteristics High-temperature diodes
|
SEMIKRON[Semikron International]
|
GP02-17A |
High Voltage 1.0A Sintered Glass Passivated Rectifie
|
Olitech Electronics Co....
|
1N3880 12FL40S02 12FL40S05 12FL40S10 1N3883 1N3890 |
6A, 12A AND 16A FAST RECOVERY RECTIFIERS A2A6A条快速整流二极管 6A, 12A AND 16A FAST RECOVERY RECTIFIERS 6A2A6A条快速整流二极管 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes MKDS 3/ 2-B-5,08 BU (1N3879 - 1N3889) 6A / 12A AND 16A FAST RECOVERY RECTIFIERS 5A,12A and16A Fast Recovery RECTIFIE 6A 12A AND 16A FAST RECOVERY RECTIFIERS 100V Fast Recovery Diode in a DO-203AA (DO-4) package 200V Fast Recovery Diode in a DO-203AA (DO-4) package 400V Fast Recovery Diode in a DO-203AA (DO-4) package 600V Fast Recovery Diode in a DO-203AA (DO-4) package 800V Fast Recovery Diode in a DO-203AA (DO-4) package 1000V Fast Recovery Diode in a DO-203AA (DO-4) package 6A, 12A AND 16A FAST RECOVERY RECTIFIERS
|
International Rectifier, Corp. IRF[International Rectifier] Microsemi Corporation
|