PART |
Description |
Maker |
ERZV09D241 ERZV14D151 ERZV05D121 ERZV05D101 ERZV20 |
ZNR Transient/Surge Absorbers (Type D) “ZNR Transient/Surge Absorbers “ZNR?Transient/Surge Absorbers (Type D) ZNR Transient/Surge Absorbers (Type D)
|
Panasonic Semiconductor Vishay Siliconix
|
NTE4982 NTE4960 NTE4980 NTE4920 NTE4906 NTE4904 NT |
CMD RA 9 CIR JKPOST NOT INSTALLED 浪涌夹紧,单向暂态过电压抑制 Surge Clamping Transient Overvoltage Suppressor Unidirectional Surge Clamping, Transient Overvoltage Suppressor Unidirectional
|
NTE Electronics, Inc. NTE[NTE Electronics] http://
|
ERZV20D471 ERZV09D270 ERZV07D331 ERZV07D330 ERZV14 |
Transient/Surge Absorbers
|
Panasonic
|
ML |
Multilayer Transient Voltage Surge Suppressors
|
Littelfuse, Inc.
|
V18AUMLA120606 V18AUMLA1812 |
Multilayer Transient Voltage Surge Suppressor
|
Littelfuse
|
STH03F-SERIES STHA3F-SERIES STA05F-SERIES STAA5F-S |
Transient Surge Protection Thyristor; Package/Case:DO-214AA; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Repetitive Reverse Voltage Max, Vrrm:220V; Capacitance:30pF; Holding Current:150mA; Leakage Current:5uA Transient Surge Protection Thyristor; Thyristor Type:Sidac; Current, It av:2.2A; Package/Case:6-SOIC; Reel Quantity:1500; Capacitance:25pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:160V; Holding Current:150mA RoHS Compliant: NA Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:40pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:180V; Holding Current:50uA; Mounting Type:Surface Mount Peripheral IC 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:120V; Capacitance:80pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Current, It av:2.2A; Reel Quantity:2500; Capacitance:20pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:90V; Holding Current:120mA; Mounting Type:Through Hole 外围芯片 Transient Surge Protection Thyristor; Package/Case:DO-214AA; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Repetitive Reverse Voltage Max, Vrrm:120V; Capacitance:40pF; Holding Current:150mA 外围芯片
|
Sanken Electric Co., Ltd. TE Connectivity, Ltd. Keystone Electronics, Corp.
|
V33CH8 V68CH8 CH V120CH8 V150CH8 V180CH8 V200CH8 V |
Surface Mount Varistors - Transient Voltage Surge Suppressor
|
LITTELFUSE[Littelfuse]
|
AOZ8621UNI-05 |
High Power Surge TVS Transient Voltage Suppressors
|
Alpha & Omega Semiconductor
|
70L-OAC 70M-OAC24A 70M-OAC5A-11 |
Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
|
Grayhill, Inc
|
ESDALC5-4BN4 |
4-line bidirectional Transil™, transient voltage surge supressor for ESD protection
|
ST Microelectronics
|
ATV15C580J-G ATV15C580JB-G ATV15CJ750A-G ATV15CJ75 |
Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=150V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=145V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=47.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=70.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=299.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=470.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=10%
|
Comchip Technology
|
|