PART |
Description |
Maker |
FSF2510 FSF2210 FSN1410 FSN1606 IRF540 |
N Channel MOSFET; Package: TO-254; trr (nsec): 600; t(on) (nsec): 100; ID (A): 25; RDS(on) (Ohms): 0.07; PD (W): 125; BVDSS (V): 100; Rq: 1; VSD (V): 2.3 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-254; trr (nsec): 300; t(on) (nsec): 23; ID (A): 22; RDS(on) (Ohms): 0.1; PD (W): 100; BVDSS (V): 100; Rq: 1.3; VSD (V): 2.5 22 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 250; t(on) (nsec): 14; ID (A): 14; RDS(on) (Ohms): 0.18; PD (W): 50; BVDSS (V): 100; Rq: 2; VSD (V): 2.5 14 A, 100 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 220; t(on) (nsec): 21; ID (A): 16; RDS(on) (Ohms): 0.07; PD (W): 50; BVDSS (V): 60; Rq: 2; VSD (V): 1.8 16 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. STMicroelectronics N.V. MICROSEMI CORP
|
SFF80N10Z |
55 AMP (note 1) /100 Volts 12 mO N-Channel Trench Gate MOSFET 55 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Solid State Devices, Inc.
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
SUV85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
IRF5EA1310 IRF5EA1310PBF |
23 A, 100 V, 0.036 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 100V Single N-Channel Hi-Rel MOSFET in a 28-pin LCC package
|
International Rectifier
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
IRFW510A IRFI510ATU IRFW510ATM IRFI510A |
N-CHANNEL POWER MOSFET 100V N-Channel A-FET / Substitute of IRFI510 Advanced Power MOSFET 5.6 A, 100 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp.
|
SUM34N10-35 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175C MOSFET
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
FDB3632NL |
100V N-Channel PowerTrench MOSFET 12 A, 100 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
|