PART |
Description |
Maker |
AT93C46 AT93C46-10PC AT93C46-10PC-1.8 AT93C46-10PC |
3-Wire Serial EEPROMs 3线串行EEPROM 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 CONN UHF JACK 4 HOLE FLANGE MT 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 122 x 32 pixel format, Compact LCD size 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 128 x 64 pixel format, LED or EL Backlight available 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 DC-DC Converter; Supply Voltage:36V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:100W; Mounting Type:PC Board; Series:Eighth-Brick; Efficiency:90%; Leaded Process Compatible:Yes; Output Current:20A RoHS Compliant: Yes SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A -3-Wire Serial EEPROMs 3-WireSerialEEPROMs 3-Wire Serial EEPROMs
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BR9016AF-W BR9016ARFVM-W BR9016ARFV-W BR9080ARFV B |
8k/ 16k bit EEPROMs for direct connection to serial ports 8k 16k bit EEPROMs for direct connection to serial ports 8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM 512 X 16 4-WIRE SERIAL EEPROM, PDSO8 1K X 16 4-WIRE SERIAL EEPROM, PDSO8
|
ROHM[Rohm] Rohm Co., Ltd.
|
Q67100-H3505 Q67100-H3500 Q67100-H3501 Q67100-H350 |
16 Kbit 2048 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus DIMMER IC FOR HALOGEN LAMPS 16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus 16千位2048 × 8位串行CMOS EEPROM的,I2C同步2线总线
|
SIEMENS AG Siemens Semiconductor Group
|
SLX24C0816 SLE24C01-S |
8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus
|
Siemens Semiconductor Group
|
AT93C46-10PU-1.8 AT93C46-10PU-2.7 AT93C66Y1-10YI-2 |
Three-wire Serial EEPROMs
|
ATMEL[ATMEL Corporation]
|
24LC16 24LC16B 24LC16B-MT 24LC08B-MT 24LC08BMODULE |
8K/16K I 2 C Serial EEPROMs in ISO Micromodules 8K/16K的I 2 C⑩在ISO微型模块串行EEPROM 16K IIC Serial EEPROMs in ISO micromoduls(16K1M次擦写周ISO模块) 8K/16K IIC Sserial EEPROMs in ISO micromoduls(8K1M次擦写周ISO模块) 8K/16K I 2 C ?Serial EEPROMs in ISO Micromodules 8K/16KI2CSerialEEPROMsinISOMicromodules
|
Microchip Technology, Inc. MicrochipTechnology Microchip Technology Inc. http://
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
AT25320 AT25320-10PC AT25320-10PC-1.8 AT25320-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 8-Input NAND Gate 14-TSSOP -55 to 125 SPI Serial EEPROMs 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 High Speed CMOS Logic 8-Input Multiplexer with 3-State Outputs 16-SOIC -55 to 125 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 128 x 128 pixel format, LED Backlight available 128 x 128 pixel format, LED or EL Backlight available CAP 220PF 200V 1% NP0(C0G) DIP-2 BULK M-MIL-C-39014 CAP 100PF 200V 10% NP0(C0G) DIP-2 BULK M-MIL-C-39014
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
24C02SC 24C02SC-S 24C02SC-S08 24C02SC-W 24C02SC-W0 |
24C01C-P 24C01C-IP 24C01C-EP 24C01C-SN 24C01C-ISN 24C01C-ESN 24C01C-ST 24C01C-IST 24C01C-EST 24C01C24C01C的IP 24C01C -内啡24C01C24C01C,无法真正传24C01C - ESN24C01C ST24C01C -北京时间24C01C -学报 24C01C-P 24C01C-IP 24C01C-EP 24C01C-SN 24C01C-ISN 24C01C-ESN 24C01C-ST 24C01C-IST 24C01C-EST 24C01C4C01C的IP 24C01C -内啡4C01C4C01C,无法真正传4C01C - ESN4C01C ST4C01C -北京时间24C01C -学报 1K 5.0V IIC serial EEPROMs for smart card(1K5.0V,ISO7816标准,EEPROM) 2K 5.0V IIC serial EEPROMs for smart card(2K5.0V,ISO7816标准,EEPROM) 1K/2K 5.0V I2C Serial EEPROMs for Smart Cards 24C01C-P24C01C-IP24C01C-EP24C01C-SN24C01C-ISN24C01C-ESN24C01C-ST24C01C-IST24C01C-EST
|
Microchip Technology, Inc. Amphenol, Corp. MicrochipTechnology Microchip Technology Inc. MICROCHIP[Microchip Technology]
|