PART |
Description |
Maker |
CD00002847 STB16NF06L |
N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET N-channel 60V - 0.07Ω - 16A - D2PAK STripFET?Power MOSFET
|
STMicroelectronics
|
STS4DPFS30L |
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFETMOSFET PLUS SCHOTTKY RECTIFIER P通道30V 0.07ohm -ASO - 8 MOSFET的普乐士STripFET⑩肖特基整流 P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V 0.07 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP16NF0607 STP16NF06 STP16NF06FP |
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET?/a> II Power MOSFET N-channel 60V - 0.08ヘ - 16A - TO-220/TO-220FP STripFET⑩ II Power MOSFET
|
http:// STMicroelectronics
|
RFD16N06LE RFD16N06LESM FN3628 |
16A/ 60V/ 0.047 Ohm/ Logic Level/ N-Channel Power MOSFETs 16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRCZ24-007 IRCZ24-008 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 16A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 16A条(丁)|20VAR
|
Belden, Inc. Bright LED Electronics, Corp.
|
STW16NB60 |
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMeshMOSFET N沟道600V 0.3ohm - 16A条,247 PowerMesh⑩MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh⑩ MOSFET N-CHANNEL 600V 0.3 OHM 16A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STW45NM50 |
N-CHANNEL 500V - 0.07Ohm - 45A TO-247 Mdmesh Power MOSFET
|
SGS Thomson Microelectronics
|
STW16NA40 STW16NA40FI STH16NA40 STH16NA40FI W16NA4 |
N-Channel 400V-0.21Ω-16A - TO-247/ISOWATT218 Power MOS Transistors(N沟道功率MOS晶体 N沟道400V -0.21Ω- 16A TO-247/ISOWATT218功率MOS晶体管(不适用马鞍山沟道功率晶体管 N - CHANNEL 400V - 0.21W - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS From old datasheet system N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
STW45NM50FD STW45NM50F |
N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh?Power MOSFET With FAST DIODE N-CHANNEL 500V 0.07 OHM 45A TO-247 FDMESH POWER MOSFET N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh⑩Power MOSFET With FAST DIODE
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFF024 |
60V Single N-Channel Hi-Rel MOSFET in a TO-205AF package HEXFET?TRANSISTORS 60V, N-CHANNEL
|
IRF[International Rectifier]
|
RFD16N05SM FN2267 RFD16N05 |
16A/ 50V/ 0.047 Ohm/ Logic Level/ N-Channel Power MOSFETs From old datasheet system 16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs 16A/ 50V/ 0.047 Ohm/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|