PART |
Description |
Maker |
MAX4200 MAX4200ESA MAX4200EUK-T MAX4200-MAX4205 MA |
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers BUFFER AMPLIFIER, PDSO8 Ultra-High-Speed, Low-Noise, Low-Power,SOT23 Open-Loop Buffers Ultra-High-Speed / Low-Noise / Low-Power / SOT23 Open-Loop Buffers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
LDO-512 |
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
STMicroelectronics
|
MAX4202ESA-T |
Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers BUFFER AMPLIFIER, PDSO8
|
Maxim Integrated Products, Inc.
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
NA-812B |
Ultra low power and high performance
|
Axiomtek Co., Ltd.
|
C8051F920 C8051F921 C8051F930 C8051F901 C8051F902 |
Ultra Low Power, High-Performance MCU
|
Silicon Laboratories
|
BH62UV1600AIG55 BH62UV1601 |
Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
|
Brilliance Semiconducto...
|
LIS3DH LIS3DHTR |
ultra low-power high performance 3-axes “nano accelerometer ultra low-power high performance 3-axes “nano?/a> accelerometer
|
意法半导 STMicroelectronics
|
BH616UV1610AI55 BH616UV1610AI70 BH616UV1610 BH616U |
Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
|
Brilliance Semiconductor
|
EF2-1.5NU EF2-1.5T EF2-1.5TNUX EF2-12NUH EF2-12TNU |
Ultra-low power/ compact and lightweight/ High breakdown voltage/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:24-SOIC; Interface Type:Serial POWER/ENERGY MEASURE, SMD, SSOP28; Pins, No. of:28; Case style:SSOP; Base number:5467; Termination Type:SMD RoHS Compliant: Yes Marker Strip; External Height:.135"; External Width:1.13"; Label Material:Vulcanized Fiber 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 CONNECTOR ACCESSORY 连接器附 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
|
NEC Corp. NEC, Corp.
|
NCP3337MN250R2G NCP3337MNADJR2G NCP3337MN330R2G |
FIXED POSITIVE LDO REGULATOR, PDSO10 Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
|
ON SEMICONDUCTOR
|