PART |
Description |
Maker |
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
EC9208 EC9208NNB3R |
High Efficiency 1MHz, 2A, Step up Regulator
|
E-CMOS Corporation
|
APW7207A APW720712 |
1MHz, High-Efficiency, Step-Up Converter for White LEDs
|
Anpec Electronics Coropration
|
APW7208 APW7208CTI-TRG |
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
|
Anpec Electronics Coropration
|
SY8003 SY8003A SY8003ADFC SY8003DFC |
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
|
Silergy Corp.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC33167TVG MC33167D2TR4G |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
L6920D L6920 |
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER 1V的高SYNCRONOUS升压转换 1V HIGH EFFICIENCY SYNCHRONOUS STEP UP CONVERTER
|
STMicroelectronics N.V. 意法半导
|
5962-8994302QX 5962-8994303QX 5962-8994305QX 5962- |
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit 多模先进先出 High-Efficiency, Current-Mode, Inverting PWM Controller 多模先进先出 White LED Step-Up Converter in SOT23 多模先进先出
|
PHOENIX CONTACT Deutschland GmbH
|