PART |
Description |
Maker |
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
39-01-2106 5559-10P-210 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 10 Circuits
|
Molex Electronics Ltd.
|
HEDS-5701A12 HEDS-5700A10 HEDS-5701H12 HEDS-5700F1 |
HEDS-5740#I02 · Panel Mount Optical Encoders HEDS-5701#A00 · Panel Mount Optical Encoders HEDS-5700#A01 · Panel Mount Optical Encoders Panel Mount Optical Encoders 面板安装光电编码
|
Agilent (Hewlett-Packard) Avago Technologies, Ltd.
|
KL3660-106-1S KL3636-106-1S KL3630-602-1S KL3630-3 |
KEYLOCK SWITCH, SP6T, LATCHED, PANEL MOUNT KEYLOCK SWITCH, 6PDT, LATCHED, PANEL MOUNT KEYLOCK SWITCH, 3PDT, LATCHED, PANEL MOUNT KEYLOCK SWITCH, SPDT, LATCHED, PANEL MOUNT KEYLOCK SWITCH, 4PDT, LATCHED, PANEL MOUNT
|
COLE INSTRUMENT CORP
|
U02406NPM |
USB 2.0 Hi-Speed Panel Mount Extension Cable (A to panel mount B M-F), 6-in
|
Tripp Lite. All Rights ...
|
KUEP-11AT7-120 KUM-4A18-240 KUM-2A18-24 KUM-12D56- |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 2700mW (COIL), 3A (CONTACT), 150VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 2700mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.238A (COIL), 5VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.187A (COIL), 6VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.051A (COIL), 24VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.011A (COIL), 110VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.051A (COIL), 24VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.051A (COIL), 24VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.238A (COIL), 5VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 2700mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 3PST, MOMENTARY, 0.027A (COIL), 48VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 2000mW (COIL), 10A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.238A (COIL), 5VDC (COIL), 1200mW (COIL), 10A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.016A (COIL), 110VDC (COIL), 1800mW (COIL), 3A (CONTACT), 150VDC (CONTACT), PANEL MOUNT
|
|
OL3450L-A-SFMUJ-S2 OL4451L-B-AFMUJ-S1 OL5451L-B-AF |
FIBER OPTIC LASER DIODE MODULE EMITTER, 1300-1320nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1480-1500nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1510-1530nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1620-1640nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR
|
LAPIS SEMICONDUCTOR CO LTD
|
K5AA111APD-ZZL1ZZBZ4 K5AA122ARC-Z1 K5AA112BAA-ZZR7 |
ROCKER SWITCH, SPST, LATCHED, 20A, 18VDC, PANEL MOUNT ROCKER SWITCH, DPST, LATCHED, 20A, 18VDC, PANEL MOUNT ROCKER SWITCH, DPDT, LATCHED, 20A, 18VDC, PANEL MOUNT ROCKER SWITCH, SPDT, MOMENTARY, 20A, 18VDC, PANEL MOUNT
|
OTTO ENGINEERING INC
|
CT2-GI1LFTD31C CT2-GI1PFTD31C CT2-GI2LFTD31C CT2-G |
OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm) FIBER OPTIC TRANSCEIVER, 1430-1580nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
JDS Uniphase Corporation JDS Uniphase Corporatio...
|
SM-T-T-A-L-TL SM-T-T-A-TL-O SM-T-T-D-I-TL-O SM-T-T |
RF COAXIAL RELAY, SPDT, LATCHED, 25875mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 5750mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.424A (COIL), 28VDC (COIL), 11872mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 0.31A (COIL), 28VDC (COIL), 8680mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 5750mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
BRR45H-224S BRR11N-024S BRR45H-44S |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 120000mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 7200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 207500mW (COIL), PANEL MOUNT
|
FUJI ELECTRIC CO LTD
|
|