PART |
Description |
Maker |
LT022MC LT022MD LT022MF |
Low noise S/N:60db(according to measurement method Fig> 29-2) Low noise S/N:60db(according to measurement method Fig> 29-2)
|
SHARP[Sharp Electrionic Components]
|
2SK3482 |
Super low on-state resistance: RDS(on)1 = 33m MAX.Low Ciss: Ciss = 3600 pF TYP.
|
TY Semiconductor Co., Ltd
|
2SK3484 |
Super low on-state resistance: RDS(on)1 = 125m MAX Low Ciss: Ciss = 900 pF TYP.
|
TY Semiconductor Co., Ltd
|
2SK1284 |
Low on-state resistance RDS(on) 0.32 .VGS=10V,ID=2A Low Ciss Ciss=500pF TYP.
|
TY Semiconductor Co., Ltd
|
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|
PN4249 PN4248 PN4250A FTSO4248 FTSO4249 FTSO4250 F |
PNP small signal high speed saturated switch. PNP small signal ultra high speed logic switch. PNP low noise high voltage amplifier. PNP general purpose amplifier. PNP Low Level Low Noise Amplifiers 进步党低级别低噪声放大器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB130N6F7 |
Low Crss/Ciss ratio for EMI immunity
|
STMicroelectronics
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
9015L-X-T92-K 9015L-X-T92-B 9015L-X-T92-T 9015L-A- |
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
CMPT992 CMPT992P CMPT992E CMPT992F PT992E |
PNP SILICON LOW NOISE TRANSISTOR SMD Small Signal Transistor PNP Low Noise
|
CENTRAL[Central Semiconductor Corp]
|
BCX71G |
SMD Small Signal Transistor PNP Low Noise
|
Central Semiconductor
|
SP4060-08ATG SP3050-04HTG |
LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100Ω resistor to convey information or data
|
Littelfuse
|