PART |
Description |
Maker |
SNDR-5H-T SNDX-5H-T SNDX-4H-X SNDR-4H-X SNDX-6S-T |
DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-6SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-2SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-9SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-7SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-12SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-1SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT DIP Switch (Machine Insertable Type) DIP开关(机可插入式) DIP Switch (Machine Insertable Type) SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, THROUGH HOLE-STRAIGHT
|
Bourns Inc. 开 Bourns, Inc.
|
SDA08H0B SDA08H0BD SDA08H0SB SDA10H1SBD SDA10H0B S |
Low Profile DIP Switches SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.1A, 50VDC, THROUGH HOLE-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
BD08 BD04 BD10 BD10AV BD12 BD02 BD07 BD05 BD12AV B |
Standard Profile DIP Switches SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.1A, 5VDC, THROUGH HOLE-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|
78J01ST 78J02ST |
DPDT DIP Switches SLIDE DIP SWITCH-1SWITCHES, SPDT, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT DPDT DIP Switches SLIDE DIP SWITCH-2SWITCHES, SPDT, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc.
|
78RB08T 78B03ST 78B03T 78B12T 78RB03T |
SPST to 4PST Slide DIP Switches SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST to 4PST Slide DIP Switches SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST to 4PST Slide DIP Switches SLIDE DIP SWITCH-12SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc.
|
ADE03 |
SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,THROUGH HOLE-STRAIGHT
|
TYCO ELECTRONICS ALCOSWITCH
|
206215ESTN 206212ESTN 206213ESTN 206217ESTN 206411 |
Through Hole DIP Switch Through Hole DIP Switch
|
CTS Corporation
|
56P36-01-2-05S-F 56P36-01-2-05N-C 56P36-01-2-05S-C |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, SP11T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
162-10-640-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
162-10-652-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
|