PART |
Description |
Maker |
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
0380520000 |
Modular Terminal; Wire Size (AWG):8; Mounting Type:Clipped; Current Rating:36A; Series:Sak Series; Width:8mm RoHS Compliant: Yes 47 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1722480000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-14; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
39880-0405 39880-0402 39880-0409 |
35 DEGREE 5.08 5 ASY MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK LOW PROFILE 35 DEGREE 5.08 2 ASY 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK 35 DEGREE 5.08 9 ASY MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
906819-G30 |
MODULAR TERMINAL BLOCK
|
BEAU INTERCONNECT
|
912022 |
MODULAR TERMINAL BLOCK
|
WEIDMULLER
|
163284 |
MODULAR TERMINAL BLOCK
|
WEIDMULLER
|
Z2.803.2228.0 Z2.803.2428.0 |
MODULAR TERMINAL BLOCK
|
WIELAND ELECTRIC INC
|
130300 |
MODULAR TERMINAL BLOCK
|
AMPHENOL CORP
|
159633 |
MODULAR TERMINAL BLOCK
|
WEIDMULLER
|
|