PART |
Description |
Maker |
MCSOF MCSOF_TBE MCSOF_A MCSOF/A MCSOF/TBE MCSOF/AE |
CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 132.7104 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 144 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 64 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.2368 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 110.592 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 102.4 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 128 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 117.946 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 104 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 108 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 131.072 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50.75 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS OUTPUT 5V CMOS Oscillator Low Jitter
|
Golledge Electronics, Ltd. GOLLEDGE[Golledge Electronics Ltd]
|
KCO-760-4.9152MHZ-OUT21-STBY1 KCO-760-4.9152MHZ-OU |
CRYSTAL OSCILLATOR, CLOCK, 4.9152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.736 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33.333 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 3.6864 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 80 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 9.8304 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 28.6363 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 2.048 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.31818 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 15.36 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.716 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.384 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 56.448 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.328 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 70 MHz, CMOS OUTPUT
|
Hokuriku Electric Industry Co., Ltd. HOKURIKU ELECTRIC INDUSTRY CO LTD
|
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
UPD65626 UPD65632 UPD65654 UPD65650 UPD65651 UPD65 |
CMOS-6/6A/6V/6X 1.0-MICRON CMOS GATE ARRAYS CMOS-6/6A/6V/6X 1.0微米CMOS门阵
|
http:// NEC, Corp. NEC Corp. NEC[NEC]
|
MAX4580 MAX4580CAE MAX4580CPE MAX4580CWE MAX4580EA |
1.25<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST.CMOS Analog Switches 1.25Ω、双路SPST、CMOS模拟开 1.25з, Dual SPST, CMOS Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1.25 / Dual SPST / CMOS Analog Switches 1.25, Dual SPST, CMOS Analog Switches 1.25, Dual SPST,CMOS Analog Switches 1.25 Dual SPST CMOS Analog Switches 1.25? Dual SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
CDP1851 CDP1851C CDP1851CD CDP1851CDX CDP1851CE CD |
CMOS Programmable I/O Interface From old datasheet system CMOS Programmable I/O Interface(CMOS 可编程I/O接口) CMOS可编程I / O接口的CMOS(可编程的I / O接口 CMOS Programmable I/O Interface(CMOS ???绋?/O?ュ?)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HY628100A HY628100AG HY628100ALG HY628100ALLG HY62 |
128Kx8bit CMOS SRAM, standby current 1 mA, 70ns 128Kx8bit CMOS SRAM, standby current 1 mA, 55ns 128Kx8bit CMOS SRAM 128Kx8bit CMOS SRAM Circular Connector; No. of Contacts:3; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 128Kx8bit CMOS SRAM
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SAB-C509-LM SAF-C509-L SAFC509-L SAF-C509-LM Q6712 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 DBMM25SN
|
Infineon Technologies A... SIEMENS AG Infineon Technologies AG
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
|