PART |
Description |
Maker |
Y4063-20KBDKR Y4063-1.0KBDKR Y4066-10KBDKR Y4066-1 |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
|
Vishay Siliconix
|
CHP2010K3651FBT CHP2010K1740FNT CHP2512K1200JNT500 |
Film/Foil Resistor, RESISTOR, METAL GLAZE/THICK FILM, 1 W, 1 %, 100 ppm, 3650 ohm, SURFACE MOUNT, 2010, CHIP CHP, HCHP High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology Film/Foil Resistor, RES,SMT,THICK FILM,422 OHMS,200WV,1% /-TOL,-100,100PPM TC,1010 CASE Film/Foil Resistor, RESISTOR, METAL GLAZE/THICK FILM, 0.02 W, 1 %, 100 ppm, 1000 ohm, SURFACE MOUNT, 0805, CHIP, HALOGEN FREE AND ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL GLAZE/THICK FILM, 0.25 W, 1 %, 100 ppm, 237 ohm, SURFACE MOUNT, 1206, CHIP Film/Foil Resistor, RESISTOR, METAL GLAZE/THICK FILM, 1 W, 1 %, 100 ppm, 174 ohm, SURFACE MOUNT, 2010, CHIP Film/Foil Resistor, RES,SMT,THICK FILM,15 OHMS,200WV,1% /-TOL,-100,100PPM TC,1505 CASE Film/Foil Resistor, RES,SMT,THICK FILM,10 OHMS,200WV,1% /-TOL,-100,100PPM TC,1020 CASE Film/Foil Resistor, RESISTOR, METAL GLAZE/THICK FILM, 2 W, 5 %, 200 ppm, 910 ohm, SURFACE MOUNT, 2512, CHIP, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL GLAZE/THICK FILM, 0.125 W, 1 %, 100 ppm, 6810 ohm, SURFACE MOUNT, 0505, CHIP HIGH STABILITY CHIP,0502,100PPM,100K OHM,5%,N TERM - Waffle Pack HIGH STABILITY CHIP,0502,100PPM,1K OHM,5%,N TERM - Waffle Pack Film/Foil Resistor, RESISTOR, METAL GLAZE/THICK FILM, 0.2 W, 1 %, 100 ppm, 71500 ohm, SURFACE MOUNT, 0805, CHIP, ROHS COMPLIANT Film/Foil Resistor, RES,SMT,THICK FILM,8.25 OHMS,150WV,1% /-TOL,-100,100PPM TC,0805 CASE
|
Vishay Sfernice
|
Y163310K0000A0R Y163310K0000A0W Y163310K0000A1R Y1 |
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of 【 0.05 ppm/∑C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power Ultra High Precision Z-Foil Flip Chip Resistor with TCR of 隆戮 0.05 ppm/隆?C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power Ultra High Precision Z-Foil Flip Chip Resistor with TCR of 卤 0.05 ppm/掳C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
|
Vishay Siliconix
|
SMR1D07 |
High Precision Bulk Metal垄莽 Foil Molded Surface Mount Resistor High Precision Bulk Metal? Foil Molded Surface Mount Resistor
|
Vishay Siliconix
|
VSH Y090312K7560A0B Y090312K7560A9B Y090312K7560B0 |
Bulk Metal㈢ Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 【 0.01 % and Load Life Bulk Metal? Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life Bulk Metal庐 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 卤 0.01 % and Load Life Bulk Metal垄莽 Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from 隆戮 0.01 % and Load Life
|
Vishay Siliconix
|
VSMP2512 VSMP0603 VSMP0805 VSMP1506 VSMP1206 VSMP2 |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
|
Vishay Siliconix
|
SMR3D |
High Precision Bulk Metal㈢ Foil Molded Surface Mount Resistor
|
Vishay Siliconix
|
VISHAYSFERNICE-RMK22N50KF RMK22N10K97F RMK22N113KB |
RMK 22N Wirebondable High Precision Single Value Thin Film Chip Resistors Film/Foil Resistor, RES,SMT,THIN FILM,113K OHMS,100WV,.1% /-TOL,-5,5PPM TC,0202 CASE
|
Vishay Sfernice
|
Z201250R00AB Z201250R00BB Z201250R00CB Z201250R00D |
Ultra High Precision Z-Foil Resistor with TCR of 【 0.05 ppm/∑C, PCR of 5 ppm at Rated Power, Tolerance of 【 0.005 % Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % Ultra High Precision Z-Foil Resistor with TCR of 卤 0.05 ppm/掳C, PCR of 5 ppm at Rated Power, Tolerance of 卤 0.005 % Ultra High Precision Z-Foil Resistor with TCR of 隆戮 0.05 ppm/隆?C, PCR of 5 ppm at Rated Power, Tolerance of 隆戮 0.005 %
|
Vishay Siliconix
|
Y1622350R650A0L Y1622350R650A9L Y1622350R650B0L Y1 |
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C, Tolerance to 卤 0.01 % and Power Rating to 8 W Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of 【 0.05 ppm/∑C, Tolerance to 【 0.01 % and Power Rating to 8 W
|
Vishay Siliconix
|
RCMX0215403FHS14 RCMX0215003FHS14 RCMX0215003FHA20 |
Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 1540000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 1500000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 1300000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.5 W, 5 %, 50 ppm, 2000000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT Film/Foil Resistor, RESISTOR, METAL FILM, 0.125 W, 1 %, 50 ppm, 2000000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT RCMX02, RCMX05, RCMX1 Molded Metal Film High Ohmic Value (to 50 MOhm) Resistors
|
Vishay Sfernice
|
|