PART |
Description |
Maker |
CT2542 CT2542-FP-701 CT2542-701 CT2542-FP |
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B 2542双冗余的CT远程终端的MIL - STD - 1553B总线
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|
ACT4487 ACT4487-D ACT4487-DF ACT4487-DFI ACT4487-D |
CAP .00047UF 1000V METAL POLYPRO 487双收发MIL-STD-1553/1760 ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760 487双收发MIL-STD-1553/1760
|
Aeroflex, Inc. AEROFLEX[Aeroflex Circuit Technology]
|
1N3087 1N3111SERIES 1N5162SERIES 1N5162 1N3111 1N3 |
150AMP AVG SILICON RECTIFIER DIODES 150AMP AVG的一般整流二极管 150am avg POWER SILICON RECTIFIER DIODES 600V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 100V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 200V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 300V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 400V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 500V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 800V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1000V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 50V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 150AMP AVG SILICON RECTIFIER DIODES
|
International Rectifier, Corp. IRF[International Rectifier]
|
SD300C08C SD300C20C SD300C12C SD300C16C SD300C25C |
800V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 2000V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 1200V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 1600V 650A Std. Recovery Diode in a DO-200AA (A-Puk)package 2500V 540A Std. Recovery Diode in a DO-200AA (A-Puk)package 2800V 540A Std. Recovery Diode in a DO-200AA (A-Puk)package 3200V 540A Std. Recovery Diode in a DO-200AA (A-Puk)package
|
International Rectifier
|
HI-6110PQI HI-6110PQIF HI-6110PQM HI-6110PQMF HI-6 |
MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
|
HOLTIC[Holt Integrated Circuits]
|
SD400C..CSERIES 2634 SD400C04C SD400C08C SD400C12C |
2400V 800A Std. Recovery Diode in a DO-200AA (A-Puk)package 2000V 800A Std. Recovery Diode in a DO-200AA (A-Puk)package 1600V 800A Std. Recovery Diode in a DO-200AA (A-Puk)package 1200V 800A Std. Recovery Diode in a DO-200AA (A-Puk)package 800V 800A Std. Recovery Diode in a DO-200AA (A-Puk)package From old datasheet system STANDARD RECOVERY DIODES
|
International Rectifier
|
ZM-1758-40 |
The ZM-1758-40 filter is designed to work with systems with requirements to meet Mil-Std-461D or Mil-Std-461E.
|
JMK Inc.
|
CT1801FP |
MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯
|
ITT, Corp.
|
COM1553BCD COM1553BHR |
MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯
|
ITT, Corp.
|
SD4000C..RSERIES SD4000C38R SD4000C40R SD4000C30R |
3400V 4450A Std. Recovery Diode in a B-44 (R-Puk)package 3000V 4450A Std. Recovery Diode in a B-44 (R-Puk)package 4000V 4450A Std. Recovery Diode in a B-44 (R-Puk)package 3800V 4450A Std. Recovery Diode in a B-44 (R-Puk)package STANDARD RECOVERY DIODES
|
International Rectifier
|
CT2511 CT2511-FP CT2510 CT2510-FP CT2512-FP CT2513 |
CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B CT2512 / CT2513 / CT2510 / CT2511的军用双冗余远程终端- STD - 1553B总线
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|