PART |
Description |
Maker |
SC7314 |
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
|
Silan Microelectronics Joint-stock
|
MS6720SSGTR MS6720SSGU MS6720GTR MS6720GU |
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
|
MOSA ELECTRONICS
|
MS6713 MS6713GU MS6713SSGTR MS6713SSGU |
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
|
MOSA ELECTRONICS
|
MAX5166 MAX5166LCCM MAX5166NCCM MAX5166LECM MAX516 |
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs SAMPLE AND HOLD AMPLIFIER, 2.5 us ACQUISITION TIME, PQFP48 Stereo 2-W Audio Power Amp with DC Volume and MUX Control 24-HTSSOP -40 to 85
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TDA8566 |
2 ? 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
|
NXP Semiconductors
|
7702401CX 7702401CA 7702402CX |
13-bit ADC, Diff inputs, dual channel, -40C to 85C, 14-PDIP, TUBE 13-bit ADC, Diff inputs, dual channel, -40C to 85C, 14-TSSOP, TUBE 输入与门
|
Honeywell International, Inc.
|
LA4280 |
2-Channel 10W AF Power Amp for Home Stereo/ TV Use 2-Channel 10W AF Power Amp for Home Stereo, TV Use From old datasheet system
|
Sanyo Semicon Device
|
MAX9708 MAX9708ETN MAX9708ECB |
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier From old datasheet system The MAX9708 mono/stereo, Class D audio power amplifier delivers up to 2 x 21W into an 8 stereo mode
|
MAXIM[Maxim Integrated Products]
|
MAX1032 MAX1033 MAX1032EUG |
8-/4-Channel, 2V Multirange Inputs, Serial 14-Bit ADCs
|
Maxim Integrated Products, Inc. ADC
|
MC74LVX157DR2 MC74LVX157DR2G MC74LVX157MG LVX157 M |
Quad 2-Channel Multiplexe With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
MAX4411 MAX4411ETP MAX4411EBE-T MAX4411B MAX4411BE |
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.08 W, 2 CHANNEL, AUDIO AMPLIFIER, PBGA16 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.08 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown 80mW、固定增益DirectDrive、立体声耳机放大器,带有关断 "?80mW Fixed Gain, DirectDrive Stereo Headphone Amplifier with Shutdown"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962D9960601TUA |
32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs x8的SRAM
|
NEC, Corp.
|