PART |
Description |
Maker |
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
MB3883PV MB3883PFV MB3883 |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LTC3523 LTC3523-2 |
Synchronous 600mA Step-Up And 400mA Step-Down DC/DC Converters
|
Linear Technology Corporation
|
MB3881 MB3881PFF |
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Limited Fujitsu Component Limited.
|
LTC1929 1929F LTC1929CG-PG LTC1929-PG LTC1929IG-PG |
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators From old datasheet system 2 Phase Synchronous Step-down Switching Regulators
|
Linear Technology
|
MP2303DQ |
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter 6.3 A SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO10 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter A8V的,340KHz的同步整流降压转换器
|
Monolithic Power Systems, Inc.
|
AP3421A AP3421DNTR-G1 |
1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTER 1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTERS
|
Diodes
|
MP2162A MP2162AGQH MP2162AGQH-P MP2162AGQHT MP2162 |
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter 2A, 6V, 1.5MHz, 17μA IQ, COT Synchronous Step-Down Converter
|
Monolithic Power System... MPS Industries, Inc.
|
LTC3834 LTC3834EFE-PBF LTC3834EFE-TRPBF LTC3834EUF |
30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30µA IQ Synchronous Step-Down Controller; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PQCC20 30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LTC3406ES5 LTC3406ES5-1.5 LTC3406ES5-1.8 LTC3406 L |
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT 1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.25 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
LTC1876EGTRPBF |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
MAX1716 MAX1716EEG MAX1716-MAX1855 MAX1854 MAX1854 |
High-Speed / Adjustable / Synchronous Step-Down Controllers with Integrated Voltage Positioning High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning " High-Speed, Digitally Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|