PART |
Description |
Maker |
1.5KE160A 1.5KE75 1.5KE180 1.5KE33A 1.5KE8.2 1.5KE |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diotec Semiconductor AG http:// DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
MAC9D ON0394 MAC9N MAC9M MAC9-D |
Triacs Silicon Bidirectional Thyristors 8 AMPERES RMS 400 thru 800 From old datasheet system Triacs (Silicon Bidirectional Thyristors)
|
ONSEMI[ON Semiconductor]
|
STA60K89S STA60K79S1 STB60K1000S T00014D-15 |
HIGH VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 60000 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
JAN1N6059 JAN1N6059A JAN1N6060 JAN1N6060A JAN1N603 |
Dual inverting buffer/line driver; 3-state Automotive Catalog Low-Dropout Voltage Regulator 3-DDPAK/TO-263 -40 to 125 Single Output LDO, 150mA, Fixed(12.0V), Low Quiescent Current, 60V Load Dump Protection 8-SOIC 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-PFM 0 to 125 1500瓦特双向瞬态电压抑制器 Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-TO-92 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 750mA, Fixed(5.0V), Low Quiescent Current, 60V LoadDump Protection 3-TO-220 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. http:// MICROSEMI[Microsemi Corporation]
|
TSMBG1005C TSMBG1006C TSMBG1007C TSMBG1009C TSMBG1 |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|100V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|110V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|145V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|185V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|200V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|210V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|215V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|250V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|265V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|300V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|350V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|440V V(BO) MAX|DO-215AA 单双向击穿二极管| 440V五(公报)最大|的DO - 215AA
|
ITT, Corp.
|
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
BZW06-10 BZW06-102 BZW06-31 BZW06-5V8 BZW06-33B |
Unidirectional and bidirectional Transient Voltage Suppressor diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
SEMIKRON INTERNATIONAL
|
BZW04-5V807 BZW04-17 BZW04-8V5 BZW04-10 BZW04-102 |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
Electronics Industry Public Company Limited Diotec Semiconductor AG
|
SA60C51-E3 A7.5CA73-E3 |
500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC DIODE 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC, PLASTIC, DO-15, 2 PIN, Transient Suppressor
|
VISHAY SEMICONDUCTORS
|
Z2150U Z6120U Z2120 Z1033 Z1015 Z6047 Z6056 |
7280 W, UNIDIRECTIONAL, SILICON, TVS DIODE 7280 W, BIDIRECTIONAL, SILICON, TVS DIODE 18200 W, UNIDIRECTIONAL, SILICON, TVS DIODE 3030 W, BIDIRECTIONAL, SILICON, TVS DIODE 18200 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
|
TGL41-27CA TGL41-56A TGL41-82C TGL41-9.1A TGL41-9. |
TRANSIENT SUPPRESSOR DIODE,SINGLE,BIDIRECTIONAL,23.1V V(RWM),DO-213AB 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
SEMIKRON INTERNATIONAL
|
Z6075 Z2180A Z6056A Z6051UA Z6091 Z6051A Z6043U Z6 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
|
|