PART |
Description |
Maker |
IRFZ44 |
45 Ampere Typical N-Channel Trench Power MOSFETs 45 Ampere Typical N-Channel Trench Power MOSFETs
|
Thinki Semiconductor Co., Ltd. Thinki Semiconductor Co...
|
KTS1C1S250 |
Typical RDS(on) (N-Channel)=0.9 Typical RDS(on) (N-Channel)=2.1 Gate-source zener diode
|
TY Semiconductor Co., Ltd
|
TL802A-1 TL801 |
TYPICAL INSTALLATION DIAGRAM TYPICAL INSTALLATIION DIAGRAM
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MPX10GP MPX10GVP MPX10 MPX10D MPX10DP MPX10GS MPX1 |
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) 00千帕-1.45 PSI)的35压全尺寸跨度(典型) 0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.45Psi, 1%, 20-80mV, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
MPX200GVSX MPX200ASX MPX200D MPX200DP MPX200GP MPX |
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL) 000千帕-29 PSI)的60压全尺寸跨度(典型) 0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0.25%, 20-80mV, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] http://
|
SB1100 SB120 SB160 SB150 SB140 SB180 SB130 |
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere) 1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere) 1安培肖特基(电压5000伏特,电 1.0安培
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International, Inc.
|
TC52 TC52N5022ECT TC52N2321ECT TC52N3222ECT TC52N1 |
The TC52 consists of two independent low power volt-age detectors in a space-saving 5-pin SOT-23A package. Typical supply current consumption is only 2 µA at an input voltage of 2V. The voltage detection threshold settings are factory Dual Channel Voltage Detector 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Microchip
|
GBU6D GBU6M GBU6A GBU6B GBU6G GBU6J GBU6K |
6.0 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电A,重复反相电压峰00V)) 6.0 Ampere Bridge Rectifiers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
C1310 C131007 |
Typical Applications
|
Vectron International, Inc
|
HG2-AC240V-F HG3-AC240V-F HG4-AC240V-F HG4-AC100V- |
TYPICAL APPLICATIONS
|
Panasonic Semiconductor
|
NTLJF3118N NTHD3100F NTMSD6N303 NTHD4N02 NTHD4P02 |
Typical Uses for FETKY Devices
|
ONSEMI[ON Semiconductor]
|