PART |
Description |
Maker |
IR21271 IR21271PBF IR2127PBF IR2127S IR2127SPBF IR |
CURRENT SENSING SINGLE CHANNEL DRIVER SURRENT SENSING SINGLE CHANNEL DRIVER
|
International Rectifier
|
AD7507JN AD7507SE AD7507SD/883B AD7507SE/883B AD75 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 400MHz Current Feedback Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Single 400MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
ACS759ECB-200B-PSS-T ACS759ECB-200B-PFF-T ACS759LC |
The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
|
Allegro MicroSystems
|
Y002625K5000A0L Y002725K5000A0L Y002625K5000A9L Y0 |
Bulk Metal㈢ Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/∑C and Power Rating up to 7 Watts Bulk Metal垄莽 Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/隆?C and Power Rating up to 7 Watts Bulk Metal庐 Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/掳C and Power Rating up to 7 Watts Bulk Metal? Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
|
Vishay Siliconix
|
CS4050V-01L CS4200V-01L CS4100V-01L |
Current Sensing Transformers
|
Coilcraft lnc.
|
IR217106 |
LINEAR CURRENT SENSING IC
|
International Rectifier
|
ACST-120-X ACST-01-08 |
CURRENT SENSING TRANSFORMER
|
ABRACON[Abracon Corporation]
|
MBM29F080A-55 MBM29F080A-70 MBM29F080A-90 MBM29F08 |
Single-Channel Current-Limited Power Distribution Switch 8-SOIC -40 to 85 Single-Channel Current-Limited Power Distribution Switch 8-MSOP-PowerPAD -40 to 85 M39012 MIL RF CONNECTOR 8M (1M X 8) BIT
|
Fujitsu Limited Fujitsu Component Limited.
|
CLS2512 CLS25120.500OHMS CLS1206 CLS0402 CLS2010 C |
Current Sensing Chip Resistor
|
Riedon Powertron
|
UR73D2ATTPR10F UR73D2BTTPR10F UR73D2HTTPR10F UR73D |
Current Sensing Chip Resistor
|
KOA Speer Electronics, ...
|