PART |
Description |
Maker |
2SK680A |
Directly driven by Ics having a 5V power source. Has low on-state resistance RDS(on)=1.0MAX
|
TY Semiconductor Co., L...
|
2SK1657 |
Directly driven by Ics having a 3V power supply Has low gate leakage current IGSS= 5nA MAX
|
TY Semiconductor Co., L...
|
LTV702VA LTV-702V LTV-702VM LTV-702VS LTV-702VS-TA |
NPN-OUTPUT DC-INPUT OPTOCOUPLER Directly connectable to TTL 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Lite-On Technology Corporation LITE-ON Electronics, Inc. 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON ELECTRONICS INC
|
SLR343 SLR343BBT SLR343BCT SLR343BDT SLR343EBT SLR |
Reflecting small LEDs, directly mountable (3.1 mm) 反映小型LED,直接贴装(3.1毫米 HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS 高亮度型3.1循环型LED Reflecting small LEDs, directly mountable (.1 mm) 反映小型LED,直接贴装(.1毫米 Reflecting small LEDs, wide viewing angle and directly mountable (3.2 mm) Reflecting small LEDs, directly mountable (3.2 mm) Reflecting low-dome LEDs (5.0 mm) Reflecting small LEDs, directly mountable (3.1 mm x 2 mm) Reflecting low-dome LEDs (.0 mm) Reflecting small LEDs, directly mountable (.2 mm) Reflecting small LEDs, directly mountable (.1 mm x 2 mm) Reflecting small LEDs, wide viewing angle and directly mountable (.2 mm) HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
VCUNCB-44.736 VDUNCB-44.736 VCLNCB-44.736 VDLNCB-4 |
VCXO, CLOCK, 3.686 MHz, CMOS/TTL OUTPUT Voltage Controlled Crystal Oscillator VCXO, CLOCK, 1.024 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 13 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 34.368 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 49.152 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 20.48 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 19.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 61.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 6.4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 5 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 3.088 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.434 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.096 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.032 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS/TTL OUTPUT
|
Vectron International, Inc
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
SLR-322MC SLR-322MG SLR-322VC SLR-322VR SLR-322DC |
Reflecting small LEDs/ wide viewing angle and directly mountable (3.2 mm) Reflecting small LEDs, directly mountable (3.1 mm * 2 mm) LED Lamps > Conventional LED Lamps > Standard LED lamps
|
ROHM[Rohm]
|
3CX10-000A3 |
Cathode driven RF amplifier
|
Communications & Power Industries, Inc.
|
3CX5000A3 |
Grid Driven RF Amplifier
|
Communications & Power Industries, Inc.
|
TFS122003 TFS1220-03 |
The filter is single ended driven
|
Vectron International, Inc Vectron International, ...
|
NSC5037B |
Ultralow Power-Driven Type
|
NIHON DEMPA KOGYO
|
|