PART |
Description |
Maker |
C450EZ900-0303-2 C470EZ900-0302-2 C460EZ900-0302-2 |
EZBright LED Technology Lambertian Radiation Cree EZ900 Gen II LEDs EZBright LED Technology Lambertian Radiation
|
Cree, Inc Marktech Corporate
|
C450EZ1400-S80000-2 C460EZ1400-S80000-2 C450EZ1400 |
EZBright LED Technology Conductive Epoxy, Solder Paste or Preforms, or Flux Cree EZ1400 Gen II LEDs
|
Cree, Inc Marktech Corporate
|
C527EZ500-0201-2 C470EZ500-0201-2 C527EZ500-0202-2 |
EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA Cree EZ500 Gen II LED Cree EZ500 Gen II LED
|
Cree, Inc Marktech Corporate
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
IGP15N60T07 IGP15N60T |
Low Loss IGBT in TrenchStop? and Fieldstop technology Low Loss IGBT in TrenchStop庐 and Fieldstop technology
|
Infineon Technologies AG
|
AM2321P |
Low rDS(on) trench technology Low thermal impedance
|
TY Semiconductor Co., Ltd
|
IGB15N60T |
Low Loss IGBT in Trench and Fieldstop technology 在戴低损失和场终止IGBT技 1200V IGBT for frequencies up to 10kHz for hard switching applications and up to 30kHz for soft switching. Combined Trench- and Fieldstop-Technology. ...
|
INFINEON[Infineon Technologies AG]
|
BAT14-020D BAT14-050D BAT14-090D BAT14-110D BAT14- |
Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier) Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier) 硅肖特基二极管(梁式引线技术方面的高性能低中等障碍)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
DRR-NRS-T2U-1 |
High brightness surface mount LED using thin film technology
|
DOMINANT Semiconductors
|
MCP3021 MCP3021A7T-E_OT MCP3021A0T-E_OT MCP3021A1T |
The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 package, this device provides one, single-ended input with very low power consumption. Based on an advanced C The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 ... Low Power 10-Bit A/D Converter With I2C⑩ Interface
|
MICROCHIP[Microchip Technology]
|
PIC18F4580 PIC18F2480 PIC18F2480_07 PIC18F2580 PIC |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|