PART |
Description |
Maker |
CMLT5551HC |
SURFACE MOUNT PICOmini HIGH CURRENT SILICON NPN TRANSISTOR From old datasheet system High Current NPN Transistor in the SOT-563 package
|
Central Semiconductor Corporation
|
BC368 C62702-C747 |
NPN General Purpose Amplifier NPN Silicon AF Transistor (High current gain High collector current) From old datasheet system
|
SIEMENS AG Fairchild Semiconductor SIEMENS[Siemens Semiconductor Group] Infineon
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
BFS483 Q62702-F1574 Q62702F1574 |
NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifier at colector current from 2mA to 28mA) NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) NPN硅射频晶体管(对于低噪声,高增益的colector2mA至二十八毫安目前的宽带放大器 NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TRANSISTOR R.F SOT363 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BCP56-10T1 BCP56-16T1 ON0172 BCP56-10T3 |
1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-261AA From old datasheet system MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
|
MOTOROLA INC ON Semiconductor
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
2SD2144S 2SD2114K 2SD2114K_1 2SD2144STPV 2SD2114KS |
High-current Gain Medium Power Transistor (20V, 0.5A) 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ROHM[Rohm]
|
D965ASSG-X-AE3-R D965SSG-X-AE3-R D965ASS-15 D965SS |
LOW VOLTAGE HIGH CURRENT TRANSISTOR LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
|
Unisonic Technologies
|
CZTA44HC10 |
SURFACE MOUNT HIGH CURRENT HIGH VOLTAGE NPN SILICON TRANSISTOR
|
Central Semiconductor Corp
|
2SD231810 2SD2318 2SD2318TLV |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CPT3, SC-63, 3 PIN High-current gain Power Transistor (60V, 3A)
|
Rohm
|
FZT869 |
NPN Silicon Planar High Current (High Performance) Transistor
|
Guangdong Kexin Industrial Co.,Ltd
|