PART |
Description |
Maker |
22-29-2101 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 10 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
22-29-2051 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4030-05A197 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 5 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
A-4030-03A241 22-10-2031 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 3 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4030-09A197 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 9 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
A-4030-08A197 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 8 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
NSF20504 NSF205023 NSF20607 NSFM150 NSFM250 NSFM35 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 700V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 15A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 15A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 25A I(D) | TO-254 晶体管| MOSFET的| N沟道| 100V的五(巴西)直|5A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 9A I(D) | TO-254 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 9A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-254
|
Sharma Electro Components, Inc.
|
0513470300 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Vertical, 9 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Vertical, 9 Circuits
|
Molex Electronics Ltd.
|
53015-0910 0530150910 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 9 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 9 Circuits
|
Molex Electronics Ltd.
|
53015-0310 0530150310 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 3 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 3 Circuits
|
Molex Electronics Ltd.
|
|