PART |
Description |
Maker |
22-29-2151 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 15 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4030-06A241 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 6 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
1718574011-17 |
2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
|
Molex Electronics Ltd.
|
NSF20504 NSF205023 NSF20607 NSFM150 NSFM250 NSFM35 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 700V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 15A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 15A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 25A I(D) | TO-254 晶体管| MOSFET的| N沟道| 100V的五(巴西)直|5A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 9A I(D) | TO-254 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 9A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-254
|
Sharma Electro Components, Inc.
|
53015-0710 0530150710 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 7 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 7 Circuits
|
Molex Electronics Ltd.
|
53015-0310 0530150310 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 3 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 3 Circuits
|
Molex Electronics Ltd.
|
53015-0210 0530150210 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 2 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 2 Circuits
|
Molex Electronics Ltd.
|
0530151210 53015-1210 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 12 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 12 Circuits
|
Molex Electronics Ltd.
|
22-12-4182 0022124182 AE-7395-18BG 739518BG |
2.54mm (.100) Pitch KK? Wire-to-Board Header, Right Angle, with Friction Lock, 18 Circuits 2.54mm (.100) Pitch KK庐 Wire-to-Board Header, Right Angle, with Friction Lock, 18 Circuits 2.54mm (.100) Pitch KK垄莽 Wire-to-Board Header, Right Angle, with Friction Lock, 18 Circuits
|
Molex Electronics Ltd.
|
SD-44067-001 44067-1803 0440671803 |
3.00mm (.118) Pitch Micro-Fit 3.0 Wire-to-Board Header 3.00mm (.118) Pitch Micro-Fit 3.0?/a> Wire-to-Board Header 3.00mm (.118") Pitch Micro-Fit 3.0垄芒 Wire-to-Board Header
|
Molex Electronics Ltd.
|
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|