PART |
Description |
Maker |
22-10-2121 A-4030-12A241 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating KK? 254 Wire-to-Board Header, Single Row, Vertical, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
1718574005 |
2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
|
Molex Electronics Ltd.
|
A-4094-12A241 |
KK? 254 Wire-to-Board Header, Single Row, Right Angle, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4094-05A197 |
KK? 254 Wire-to-Board Header, Single Row, Right Angle, 5 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
DBCA33C10BT1 DBCA33C12BT1 DBCA33C14BT1 DBCA33C16BT |
BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - SMT PCB HEADER STRAIGHT1
|
Dubilier
|
0353010760 35301-0760 |
2.50mm (.098) Pitch SPOX Wire-to-Board Header 2.50mm (.098") Pitch SPOX垄芒 Wire-to-Board Header
|
Molex Electronics Ltd.
|
0530151210 53015-1210 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 12 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 12 Circuits
|
Molex Electronics Ltd.
|
SD-44067-001 44067-1803 0440671803 |
3.00mm (.118) Pitch Micro-Fit 3.0 Wire-to-Board Header 3.00mm (.118) Pitch Micro-Fit 3.0?/a> Wire-to-Board Header 3.00mm (.118") Pitch Micro-Fit 3.0垄芒 Wire-to-Board Header
|
Molex Electronics Ltd.
|
0352040394 SD-35204-003 35204-0394 |
5.00mm (.197) Pitch, 2.36mm (.093) Diameter Wire-to-Board Header 5.00mm (.197") Pitch, 2.36mm (.093") Diameter Wire-to-Board Header MOLEX Connector
|
Molex Electronics Ltd.
|
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|