PART |
Description |
Maker |
25ZLH150MEFC6.3X11 25ZLH150MEFCTA6.3X11 25ZLH150ME |
105 Miniaturized, Long Life, Low impedance. MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS 105?/a> Miniaturized, Long Life, Low impedance.
|
RUBYCON CORPORATION
|
AHA106M25C12T AHA336M25C12T AHA337M06F24T AHA337M0 |
SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life SMT Aluminum Electrolytic Capacitors 55 垄陋C to 105 垄陋C - Long Life
|
Cornell Dubilier Electronics Cornell Dubilier Electronic...
|
ALC42 |
IEC 60384-4 Long Life Grade 40/105/56
|
Kemet Corporation
|
CD296KC |
EC Snap-In 105∑C Long Lifetime 5.000h High Ripple Currents(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
CD29HQH |
EC Snap-In 105∑C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
|
南通江海电容器股份有限公司
|
81DA472M035JA2D 81DA561M250MB2D 81DA103M035KB2D 81 |
Aluminum Capacitors 105 C/ Snap-in Aluminum Capacitors 105 C Snap-in Aluminum Capacitors 105 ∑C, Snap-in Aluminum Capacitors 105 隆?C, Snap-in Aluminum Capacitors 105 掳C, Snap-in Aluminum Capacitors 105 °C, Snap-in Linear Voltage Regulators for Automotive Applications; Package: PG-SCT595-5; Regulator Type: tracker; Output Voltage: adj.; Accuracy: 0.5 %; Max. Output Current: 50mA; Dropout Voltage: 300mV 铝电容器105ΣC,管理单
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
EKS |
Aluminum Electrolytic Capacitors, Radial Style, Polarized AI Electrolytic Capacitor, High C-U Product, Small Dimensions, Long Lifetime, Extended Temp Range (105°C)
|
Vishay
|
ELXG800VSN122MQ30S ELXG800VSN222MR35S ELXG250VSN18 |
Long life snap-ins, 105?
|
United Chemi-Con, Inc.
|
OAC-21F4500C5 OAC-21F4500C9 OAC-21F4500CA OAC-21F4 |
21.5 dBm Controlled Erbium Doped Fiber Amplifier (EDFA) for Long Haul and Ultra Long Haul Applications
|
JDS Uniphase Corporation
|
AD9432BST-105 AD9432/PCB AD9432BST-80 |
12-Bit, 80 MSPS/105 MSPS A/D Converter 12位,80 MSPS/105 MSPS的A / D转换
|
Analog Devices, Inc.
|
LWY2SG-VHAF-EKJM-1 LWY2SG |
Micro SIDELED? 0.8mm long life Micro SIDELED垄莽 0.8mm long life Micro SIDELED㈢ 0.8mm long life
|
OSRAM GmbH
|
AD9433BSQ-105 AD9433BSQ-125 AD9433 AD9433_PCB AD94 |
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter 12-Bit 105/125 MSPS Analog-To-Digital IF Sampling Converter; Package: LQFP (10x10x1.4mm W/(5.9mm Heatsink); No of Pins: 52; Temperature Range: Industrial
|
AD[Analog Devices] ANALOG DEVICES INC
|