PART |
Description |
Maker |
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
ZXT11N15DF ZXT11N15DFTC ZXT11N15DFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN 15V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes, Inc. Diodes Incorporated Zetex Semiconductors
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
CE1A3Q CE1A3Q-T CE1A3Q-T-A |
2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR COMPOUND TRANSISTOR Hybrid transistor TRANS DIGITAL BJT NPN 70V 2000MA 3SP-8 T/R
|
NEC Corp. NEC[NEC] NEC Electronics
|
2SC2229Y BF594 2SC1815GR 2SC1815O BF596 |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 30MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 50mA的一c)|2 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 25MA I(C) | TO-92 晶体管|晶体管|叩| 30V的五(巴西)总裁| 25mA电流一(c)|2
|
Lumex, Inc. Atmel, Corp.
|
FXT3866SM FXT449SM FXT549SM FXT749SM FXT649SM FXT6 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | SOT-89 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | SO TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 500MA I(C) | SO TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SO 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | SOT-89 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 1A条一(c)|采用SOT - 89 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 1A I(C) | SO 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1A条一(c)| TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 400MA I(C) | SO 晶体管|晶体管|叩| 30V的五(巴西)总裁| 400mA的一(c)| TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89
|
Zetex Semiconductor PLC Fujitsu, Ltd. Bourns, Inc. Amphenol, Corp.
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
ECG105 ECG85 ECG91 ECG90 ECG92 ECG101 |
Pressure (Pa): 770 ( 3.09inchH2O / 75.1 ( 0.30inchH2O ); Noise (dB[A]): 71 / 40; Mass (g): 760; TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 400MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 50MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 15A I(C) | SIP 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 15A条(c)的|园区 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 300MA I(C) | TO-5 晶体管|晶体管|叩| 20V的五(巴西)总裁| 300mA的一(c)|
|
NXP Semiconductors N.V.
|